Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LGL890 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LGL890
Description  SMT package SCD 80
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LGL890 Datasheet(HTML) 1 Page - OSRAM GmbH

  LGL890 Datasheet HTML 1Page - OSRAM GmbH LGL890 Datasheet HTML 2Page - OSRAM GmbH LGL890 Datasheet HTML 3Page - OSRAM GmbH LGL890 Datasheet HTML 4Page - OSRAM GmbH LGL890 Datasheet HTML 5Page - OSRAM GmbH LGL890 Datasheet HTML 6Page - OSRAM GmbH LGL890 Datasheet HTML 7Page - OSRAM GmbH LGL890 Datasheet HTML 8Page - OSRAM GmbH LGL890 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LG L890
SmartLED
TM
2002-12-10
1
Besondere Merkmale
• Gehäusetyp: SMT Gehäuse SCD 80
• Besonderheit des Bauteils: kleinste Bauform
1,7 mm x 0,8 mm x 0,65 mm (LxBxH)
• Wellenlänge: 570 nm
• Abstrahlwinkel: extrem breite
Abstrahlcharakteristik (160°)
• Technologie: GaP
• optischer Wirkungsgrad: 2,5 lm/W
• Gruppierungsparameter: Lichtstärke
• Verarbeitungsmethode: für alle
SMT-Bestücktechniken geeignet
• Lötmethode: IR Reflow Löten und
Wellenlöten (TTW)
• Vorbehandlung: nach JEDEC Level 2
• Gurtung: 8 mm Gurt mit 5000/Rolle bzw.
10000/Rolle, ø180 mm
Anwendungen
• Informationsanzeigen im Innenbereich
• optischer Indikator
• Flache Hinterleuchtung (LCD, Mobile Phone,
Schalter, Display)
• Spielsachen
Features
• package: SMT package SCD 80
• feature of the device: smallest package
1.7 mm x 0.8 mm x 0.65 mm (LxWxH)
• wavelength: 570 nm
• viewing angle: extremely wide (160°)
• technology: GaP
• optical efficiency: 2.5 lm/W
• grouping parameter: luminous intensity
• assembly methods: suitable for all
SMT assembly methods
• soldering methods: IR reflow soldering and
TTW soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 8 mm tape with 5000/reel resp.
10000/reel, ø180 mm
Applications
• indoor displays
• optical indicators
• flat backlighting (LCD, cellular phones,
switches, displays)
• toys


Similar Part No. - LGL890

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LGL NICHICON-LGL Datasheet
648Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
OSRAM GmbH
LGL29K OSRAM-LGL29K Datasheet
225Kb / 14P
SmartLED짰 0603 Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
LGL29K OSRAM-LGL29K Datasheet
386Kb / 20P
Version 1.0 (Replacement in due course)
LGL29K-F2H1-24 OSRAM-LGL29K-F2H1-24 Datasheet
225Kb / 14P
SmartLED짰 0603 Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
LGL29K-F2H1-24 OSRAM-LGL29K-F2H1-24 Datasheet
423Kb / 20P
LCD Backlighting
More results

Similar Description - LGL890

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCD03015T-4R7M-N ETC2-SCD03015T-4R7M-N Datasheet
814Kb / 5P
SCD Series
logo
OSRAM GmbH
GWDASPA2.EC OSRAM-GWDASPA2.EC Datasheet
1Mb / 25P
SMT package
LSL89K OSRAM-LSL89K Datasheet
621Kb / 15P
SMT package SCD 80, colorless diffused resin
GD-DASPA2.14 OSRAM-GD-DASPA2.14 Datasheet
1Mb / 21P
SMT package
GF-DASPA2.24 OSRAM-GF-DASPA2.24 Datasheet
1Mb / 21P
SMT package
GR-DASPA2.23 OSRAM-GR-DASPA2.23 Datasheet
1Mb / 21P
SMT package
GY-DASPA2.23 OSRAM-GY-DASPA2.23 Datasheet
1Mb / 21P
SMT package
GW-DASPA2.EC OSRAM-GW-DASPA2.EC Datasheet
1Mb / 25P
SMT package
LG-L890 OSRAM-LG-L890 Datasheet
162Kb / 15P
SMT package SCD 80
LS-L89K OSRAM-LS-L89K Datasheet
621Kb / 15P
SMT package SCD 80, colorless diffused resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com