Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMWG5AP Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LMWG5AP
Description  white P-LCC-4 package, clear silicone resin
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LMWG5AP Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LMWG5AP Datasheet HTML 4Page - OSRAM GmbH LMWG5AP Datasheet HTML 5Page - OSRAM GmbH LMWG5AP Datasheet HTML 6Page - OSRAM GmbH LMWG5AP Datasheet HTML 7Page - OSRAM GmbH LMWG5AP Datasheet HTML 8Page - OSRAM GmbH LMWG5AP Datasheet HTML 9Page - OSRAM GmbH LMWG5AP Datasheet HTML 10Page - OSRAM GmbH LMWG5AP Datasheet HTML 11Page - OSRAM GmbH LMWG5AP Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
LMW G5AP
2011-06-21
8
Durchlassstrom
2)4) Seite 17
Forward Current2)4) page 17
I
F = f (VF); TS = 25 °C
Farbortverschiebung
2) Seite 17
Chromaticity Coordinate Shift2) page 17
x, y =
f (I
F); TS = 25 °C
Relative Lichtstärke
2) 5) Seite 17
Relative Luminous Intensity2) 5) page 17
Ι
V/ΙV(100 mA) = f (I
F); TS = 25 °C
OHL04282
F
I
V
mA
2.8
F
V
0
20
40
60
80
100
120
140
160
200
2.9
3
3.1 3.2 3.3
3.5
-0.010
OHL04309
Cx,
∆
Cy
∆
30
F
I
mA
-0.008
-0.006
-0.004
-0.002
0
0.002
0.004
0.006
0.010
Cy
Cx
50 70 90 110 130 150
200
OHL04310
I
F
V (100 mA)
I
V
I
30
0
0.5
1.0
1.5
2.0
3.0
mA
50 70 90 110 130 150
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com