Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRT6MF Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LRT6MF
Description  black PLCC-2 package, colorless resin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRT6MF Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LRT6MF Datasheet HTML 7Page - OSRAM GmbH LRT6MF Datasheet HTML 8Page - OSRAM GmbH LRT6MF Datasheet HTML 9Page - OSRAM GmbH LRT6MF Datasheet HTML 10Page - OSRAM GmbH LRT6MF Datasheet HTML 11Page - OSRAM GmbH LRT6MF Datasheet HTML 12Page - OSRAM GmbH LRT6MF Datasheet HTML 13Page - OSRAM GmbH LRT6MF Datasheet HTML 14Page - OSRAM GmbH LRT6MF Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Version 1.0
LR T6MF
2013-09-23
11
Relative Forward Voltage 6) page21
Relative Vorwärtsspannung 6) Seite 21
VF = VF - VF(25°C) = f(Tj); IF = 20 mA
Relative Luminous Intensity 6) page 21
Relative Lichtstärke 6) Seite 21
IV/IV(25)°C = f(Tj); IF = 20 mA
Dominant Wavelength 6) page 21
Dominante Wellenlänge 6) Seite 21
dom = dom - dom (25 °C) = f(Tj); IF = 20 mA
LRT6MF
-40
-20
0
20406080
Tj [°C]
-0,15
-0,10
-0,05
0,00
0,05
0,10
0,15
0,20
0,25
ΔVF [V]
LR T6MF
-40
-20
0
20
40
60
80
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
Iv
Iv(25°C)
LRT6MF
-40
-20
0
20406080
Tj [°C]
-10
-5
0
5
10
Δλdom [nm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com