Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2235S Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2235S
Description  High-Efficiency, 3 A, 16 V, 800 kHz Synchronous Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2235S Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2235S Datasheet HTML 8Page - Monolithic Power Systems MP2235S Datasheet HTML 9Page - Monolithic Power Systems MP2235S Datasheet HTML 10Page - Monolithic Power Systems MP2235S Datasheet HTML 11Page - Monolithic Power Systems MP2235S Datasheet HTML 12Page - Monolithic Power Systems MP2235S Datasheet HTML 13Page - Monolithic Power Systems MP2235S Datasheet HTML 14Page - Monolithic Power Systems MP2235S Datasheet HTML 15Page - Monolithic Power Systems MP2235S Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
MP2235S –3 A, 16 V, 800 kHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2235S Rev.1.0
www.MonolithicPower.com
12
4/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
voltage, which controls the power MOSFET
current. The optimized internal compensation
network minimizes the external component
count and simplifies the control loop design.
Enable/SYNC Control
EN/SYNC is a digital control pin that turns the
regulator on and off. Drive EN high to turn on
the regulator, drive EN low to turn off the
regulator. An internal 1 MΩ resistor from
EN/SYNC to GND allows EN/SYNC to be
floated to shut down the chip. EN/SYNC is
clamped internally using a 6.5 V Zener diode
(see Figure 4). Connecting the EN input pin
through a pull-up resistor to the voltage on IN
limits the EN input current to less than 100 µA.
For example, with 12 V connected to IN,
RPULLUP ≥ (12 V – 6.5 V) ÷ 100 µA = 55 kΩ.
Connecting EN directly to a voltage source
without a pull-up resistor requires limiting the
amplitude of the voltage source to ≤6 V to
prevent damage to the Zener diode (see Figure
4).
1M
Figure 4—6.5 V Zener diode connection
For external clock synchronization, connect a
clock with a frequency range between 300 kHz
and 2 MHz 2 ms after the output voltage is set:
The internal clock rising edge synchronizes with
the external clock rising edge. Select an
external clock signal with a pulse width less
than 1 μs.
Under-Voltage Lockout (UVLO)
The MP2235S has under-voltage lockout
protection (UVLO). When the VCC voltage
exceeds the UVLO rising threshold voltage, the
device begins to power-up. It shuts off when
the VCC voltage drops below the UVLO falling
threshold voltage. This is non-latch protection.
The MP2235S is disabled when the input
voltage falls below 3.2 V, typically. If an
application requires a higher under-voltage
lockout (UVLO) threshold, use EN to adjust the
input voltage UVLO by using two external
resistors (see Figure 5). For best results, set
the UVLO falling threshold (VSTOP) above
4.5 V using the enable resistors. Set the rising
threshold
(VSTART)
to
provide
enough
hysteresis to allow for input-supply variations.
RENUP
RENDOWN
Figure 5
—Adjustable UVLO
Soft-Start (SS)
Adjust the soft-start time by connecting a
capacitor from SS to ground. When the soft-
start begins, an internal 11 µA current source
charges the external capacitor. The soft-start
capacitor connects to the non-inverting input of
the error amplifier. The soft-start period
continues until the voltage on the soft-start
capacitor exceeds the 0.804 V reference. Then
the non-inverting amplifier takes the reference
voltage as the input. Use Equation (1) to
calculate the soft-start time:
SS
0.804V Css(nF)
t(ms)
11 A
×
=
μ
(1)
Over-Current-Protection (OCP) and Hiccup
The MP2235S has a cycle-by-cycle over-
current limit when the inductor current peak
value exceeds the set current limit threshold.
Meanwhile, the output voltage drops until VFB is
below the under-voltage (UV) threshold (50
percent below the reference, typically). Once
UV is triggered, the MP2235S enters hiccup
mode to re-start the part periodically. This
protection mode is useful when the output is
dead shorted to ground, greatly reducing the
average short-circuit current to alleviate thermal
issues and protect the regulator. The MP2235S
exits hiccup mode once the over-current
condition is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com