Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2235S Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2235S
Description  High-Efficiency, 3 A, 16 V, 800 kHz Synchronous Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2235S Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2235S Datasheet HTML 9Page - Monolithic Power Systems MP2235S Datasheet HTML 10Page - Monolithic Power Systems MP2235S Datasheet HTML 11Page - Monolithic Power Systems MP2235S Datasheet HTML 12Page - Monolithic Power Systems MP2235S Datasheet HTML 13Page - Monolithic Power Systems MP2235S Datasheet HTML 14Page - Monolithic Power Systems MP2235S Datasheet HTML 15Page - Monolithic Power Systems MP2235S Datasheet HTML 16Page - Monolithic Power Systems MP2235S Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MP2235S –3 A, 16 V, 800 kHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2235S Rev.1.0
www.MonolithicPower.com
13
4/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the die temperature exceeds 150°C, the
entire chip shuts down. When the temperature
drops below its lower threshold (130°C,
typically), the chip is enabled again.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating power MOSFET driver. This floating
driver has its own UVLO protection. This
UVLO’s rising threshold is 2.2 V with a
hysteresis of
150 mV. The bootstrap capacitor
voltage is regulated internally by VIN through D1,
M1, R3, C4, L1, and C2 (see Figure 6). If VIN-
VSW exceeds 5 V, U1 regulates M1 to maintain
a 5 V BST voltage across C4. A 20 Ω resistor
placed between the SW and BST capacitors is
strongly recommended to reduce SW spike
voltage.
VIN
D1
5V
M1
U1
BST
C4
SW
L1
VOUT
C2
R3
Figure 6—Internal bootstrap charging circuit
Start-Up and Shutdown
If both VIN and VEN exceed their respective
thresholds, the chip starts up. The reference
block starts first, generating stable reference
voltage and currents, and then the internal
regulator is enabled. The regulator provides a
stable supply for the remaining circuitries.
Three events can shut down the chip: VEN low,
VIN low, and thermal shutdown. During the
shutdown procedure, the signal path is blocked
first to avoid any fault triggering. The COMP
voltage and the internal supply rail are then
pulled down. The floating driver is not subject to
this shutdown command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com