Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2263 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2263
Description  Wide Input 3.3V - 30V, 3A, 12uA IQ, Synchronous, Step-Down Converter with External Soft Start and Power Good in Small 2x3mm QFN Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2263 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2263 Datasheet HTML 8Page - Monolithic Power Systems MP2263 Datasheet HTML 9Page - Monolithic Power Systems MP2263 Datasheet HTML 10Page - Monolithic Power Systems MP2263 Datasheet HTML 11Page - Monolithic Power Systems MP2263 Datasheet HTML 12Page - Monolithic Power Systems MP2263 Datasheet HTML 13Page - Monolithic Power Systems MP2263 Datasheet HTML 14Page - Monolithic Power Systems MP2263 Datasheet HTML 15Page - Monolithic Power Systems MP2263 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MP2263
– 30V, 3A, LOW IQ, SYNCHRONOUS, STEP-DOWN CONVERTER
MP2263 Rev. 1.0
www.MonolithicPower.com
12
6/22/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
LDO1
LDO2
VIN
BIAS
VCC
EN1
EN2
D1
Figure 3: VCC Regulator
Bootstrap Charging
The bootstrap capacitor is charged and regulated
to about 5V by the dedicated internal bootstrap
regulator. When the voltage between the BST
and SW nodes is lower than its regulation, a
PMOS connected from VCC to BST is turned on.
The charging current path is from VCC to BST to
SW.
When the HS-FET is on, VIN is about equal to
SW, so the bootstrap capacitor cannot be
charged.
At higher duty cycle operation conditions, the
time period available to the bootstrap charging is
less, so the bootstrap capacitor may not be
charged sufficiently. In case the internal circuit
does not have sufficient voltage or time to charge
the bootstrap capacitor, extra external circuitry
can be used to ensure that the bootstrap voltage
is in the normal operation region.
Low-Dropout Operation
To improve dropout, the MP2263 is designed to
operate at almost 100% duty cycle for as long as
the BST to SW voltage is greater than 2.5V.
When the voltage from BST to SW drops below
2.5V, the HS-FET is turned off using an UVLO
circuit, which allows the LS-FET to conduct and
refresh the charge on the BST capacitor. In DCM
or PSM, the LS-FET is forced on to refresh the
BST voltage.
Since the supply current sourced from the BST
capacitor is low, the HS-FET can remain on for
more switching cycles than are required to
refresh the capacitor. Therefore, the effective
duty cycle of the switching regulator is high.
The effective duty cycle during dropout of the
regulator is mainly influenced by the voltage
drops across the power MOSFET, inductor
resistance, low-side diode and printed circuit
board resistance.
Enable Control (EN)
EN is a digital control pin that turns the regulator
on and off.
EN can be enabled by an external logic H/L
signal. When EN is pulled below the threshold
voltage, the chip enters the lowest shutdown
current
mode.
Forcing
EN
above
the
EN
threshold voltage turns on the MP2263.
For the programmable VIN under-voltage lockout
(UVLO), with a high enough VIN, the MP2263
can be enabled and disabled by EN (see Figure
4). This circuit can generate a programmable VIN
UVLO and hysteresis.
EN
VIN
REN1
REN2
Figure 4: Enable Divider Circuit
Frequency Programmable
The
MP2263
oscillating
frequency
is
programmed by an external resistor (Rfreq) from
the FREQ pin to ground.
The approximate value of Rfreq can be calculated
with Equation (1):
freq
s
86500
R
(k )
6.5
f (kHz)
 
(1)
Soft Start (SS)
Soft start (SS) is implemented to prevent the
converter
output
voltage
from
overshooting
during start-up.
When the soft-start period begins, an internal
current source begins charging the external soft-
start
capacitor.
After
the
soft-start
voltage
charges higher than the internal offset voltage
(typically 600mV), VOUT starts up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com