Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2263 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2263
Description  Wide Input 3.3V - 30V, 3A, 12uA IQ, Synchronous, Step-Down Converter with External Soft Start and Power Good in Small 2x3mm QFN Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2263 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2263 Datasheet HTML 9Page - Monolithic Power Systems MP2263 Datasheet HTML 10Page - Monolithic Power Systems MP2263 Datasheet HTML 11Page - Monolithic Power Systems MP2263 Datasheet HTML 12Page - Monolithic Power Systems MP2263 Datasheet HTML 13Page - Monolithic Power Systems MP2263 Datasheet HTML 14Page - Monolithic Power Systems MP2263 Datasheet HTML 15Page - Monolithic Power Systems MP2263 Datasheet HTML 16Page - Monolithic Power Systems MP2263 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MP2263
– 30V, 3A, LOW IQ, SYNCHRONOUS, STEP-DOWN CONVERTER
MP2263 Rev. 1.0
www.MonolithicPower.com
13
6/22/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
When (SS - Voffest)/1.125 is lower than the internal
reference (REF), the error amplifier uses (SS -
Voffest)/1.125 as the reference. When (SS -
Voffest)/1.125 is higher than REF, REF regains
control.
CSS can be calculated with Equation (2):
ref
Tss(ms) Iss( A)
Css(nF)
1.125 V (V)

(2)
The minimum TSS is 800µs, typically.
Pre-Bias Start-Up
The MP2263 is designed for monotonic start-up
into pre-biased loads. If the output is pre-biased
to a certain voltage during start-up, the BST
voltage is refreshed and charged. The voltage on
the soft-start capacitor is also charged. If the BST
voltage exceeds its rising threshold voltage, and
the
soft-start
capacitor
voltage
exceeds
1.125*VFB+Voffest, the MP2263 begins working
normally.
Thermal Shutdown
Thermal shutdown is implemented to prevent the
chip from running away thermally. When the
silicon die temperature is higher than its upper
threshold, the power MOSFETs shut down.
When the temperature is lower than its lower
threshold, thermal shutdown is removed, and the
chip is enabled again.
Current Comparator and Current Limit
The power MOSFET current is sensed accurately
via a current sense MOSFET. This current is fed
to the high-speed current comparator for current-
mode control purposes. The current comparator
uses this sensed current as one of its inputs.
When the HS-FET is turned on, the comparator
is first blanked until the end of the turn-on
transition to avoid noise. The comparator then
compares the power switch current with VCOMP.
When the sensed current is higher than VCOMP,
the comparator outputs low to turn off the HS-
FET. The maximum current of the internal power
MOSFET is limited cycle-by-cycle internally.
Hiccup Protection
When the output is shorted to ground, causing
the output voltage to drop below 70% of its
nominal output, the IC shuts down momentarily
and begins discharging the soft-start capacitor.
The IC restarts with a full soft start when the soft-
start capacitor is fully discharged. This hiccup
process is repeated until the fault is removed.
Start-Up and Shutdown
If both VIN and EN are higher than their
respective thresholds, the chip starts up. The
reference block starts first, generating stable
reference voltages and currents, and then the
internal regulator is enabled. The regulator
provides a stable supply for the rest of the
circuitries.
When the internal supply rail is up, an internal
timer holds the power MOSFET off for about
50µs to blank the start-up glitches. When the
soft-start block is enabled, the SS output is held
low to ensure that the rest of the circuitries are
ready before slowly ramping up.
Three events can shut down the chip: EN low,
VIN low, and thermal shutdown. In the shutdown
procedure, the signaling path is blocked first to
avoid any fault triggering. VCOMP and the internal
supply rail are then pulled down. The floating
driver is not subject to this shutdown command,
but its charging path is disabled.
Power Good Output
The MP2263 has an open-drain pin as the power
good indicator (PG). PG can indicate under
voltage (UV) and over voltage (OV). Pull PG up
to VCC through a 100k
Ω resistor. In the UV
condition, when VFB exceeds 90% of VREF, PG
goes high. If VFB drops below 84% of VREF, an
internal MOSFET pulls PG down to ground. In
the OV condition, when VFB exceeds 118% of
VREF, PG goes high. If VFB goes below 110% of
VREF, PG goes low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com