Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2263GD Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP2263GD
Description  Wide Input 3.3V - 30V, 3A, 12uA IQ, Synchronous, Step-Down Converter with External Soft Start and Power Good in Small 2x3mm QFN Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2263GD Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP2263GD Datasheet HTML 10Page - Monolithic Power Systems MP2263GD Datasheet HTML 11Page - Monolithic Power Systems MP2263GD Datasheet HTML 12Page - Monolithic Power Systems MP2263GD Datasheet HTML 13Page - Monolithic Power Systems MP2263GD Datasheet HTML 14Page - Monolithic Power Systems MP2263GD Datasheet HTML 15Page - Monolithic Power Systems MP2263GD Datasheet HTML 16Page - Monolithic Power Systems MP2263GD Datasheet HTML 17Page - Monolithic Power Systems MP2263GD Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
MP2263
– 30V, 3A, LOW IQ, SYNCHRONOUS, STEP-DOWN CONVERTER
MP2263 Rev. 1.0
www.MonolithicPower.com
15
6/22/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Selecting the Output Capacitor
The output capacitor (C2) maintains the DC
output voltage. Use ceramic, tantalum, or low
ESR electrolytic capacitors. For best results,
use low ESR capacitors to keep the output
voltage ripple low. The output voltage ripple can
be estimated with Equation (9):
OUT
OUT
OUT
ESR
S
1
IN
S
VV
1
V
1
R
f
L
V
8 f
C2


 


 
 
(9)
Where L1 is the inductor value, and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
For
ceramic
capacitors,
the
capacitance
dominates the impedance at the switching
frequency, and the capacitance causes the
majority of the output voltage ripple. For
simplification, the output voltage ripple can be
estimated with Equation (10):
OUT
OUT
OUT
2
IN
S1
VV
ΔV
1
V
8 f
L
C2

 

 

(10)
For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated with Equation (11):
OUT
OUT
OUT
ESR
IN
S1
VV
ΔV
1
R
f
L
V

 


(11)
The characteristics of the output capacitor
affect the stability of the regulation system. The
MP2263 can be optimized for a wide range of
capacitance and ESR values.
PCB Layout Guidelines
(8)
Efficient
PCB
layout
is
critical for
stable
operation. For best results, refer to Figure 6 and
follow the guidelines below.
1) Keep the connection of the input ground
and GND as short and wide as possible.
2) Keep the connection of the input capacitor
and IN as short and wide as possible.
3) Ensure all feedback connections are short
and direct.
4) Place
the
feedback
resistors
and
compensation components as close to the
chip as possible.
5) Route SW away from sensitive analog
areas, such as FB.
NOTE:
8)
The recommended layout is based on Figure 8.
To achieve better performance, use four-layer
boards. Figure 6 shows the top and bottom
layers (Inner 1 and Inner 2 are both GND).
GND
GND
VOUT
VIN
Top Layer
GND
Bottom Layer
Figure 6: Sample PCB Layout
Design Example
Table 2 shows a design example following the
application guidelines for the specifications
below:
Table 2: Design Example
VIN
12V
VOUT
3.3V
Io
3A
The detailed application schematic is shown in
Figure 8. The typical performance and circuit
waveforms
are
shown
in
the
Typical
Performance
Characteristics
section.
For
additional device applications, please refer to
the related evaluation board datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com