Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2263GD Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2263GD
Description  Wide Input 3.3V - 30V, 3A, 12uA IQ, Synchronous, Step-Down Converter with External Soft Start and Power Good in Small 2x3mm QFN Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2263GD Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2263GD Datasheet HTML 10Page - Monolithic Power Systems MP2263GD Datasheet HTML 11Page - Monolithic Power Systems MP2263GD Datasheet HTML 12Page - Monolithic Power Systems MP2263GD Datasheet HTML 13Page - Monolithic Power Systems MP2263GD Datasheet HTML 14Page - Monolithic Power Systems MP2263GD Datasheet HTML 15Page - Monolithic Power Systems MP2263GD Datasheet HTML 16Page - Monolithic Power Systems MP2263GD Datasheet HTML 17Page - Monolithic Power Systems MP2263GD Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
MP2263
– 30V, 3A, LOW IQ, SYNCHRONOUS, STEP-DOWN CONVERTER
MP2263 Rev. 1.0
www.MonolithicPower.com
14
6/22/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output
The external resistor divider is used to set the
output voltage (see the Typical Application on
page 1). Refer to Table 1 to choose R1. R2 can
then be calculated with Equation (3):
OUT
R1
R2
V
1
0.8V
(3)
The feedback network is highly recommended
(see Figure 5).
Figure 5: Feedback Network
Table
1 lists the recommended feedback
network
parameters
for
common
output
voltages.
Table 1: Recommended Parameters for Common
Output Voltages
(7)
VOUT (V) R1 (kΩ) R2 (kΩ) Cf (pF)
1.05
470
1500
5.6
1.2
750
1500
5.6
1.8
1000
806
5.6
2.5
1000
470
5.6
3.3
1000
324
5.6
5
1000
191
5.6
NOTE:
7) The recommended parameters are based on a 500kHz
switching frequency. A different input voltage, output inductor
value, or output capacitor value may affect the selection of
R1, R2, and Cf. For additional component parameters, please
refer to the Typical Application Circuits on pages 16 and 17.
Selecting the Inductor
For most applications, use a 1µH to 22µH
inductor with a DC current rating at least 25%
higher than the maximum load current. For the
highest efficiency, use an inductor with a DC
resistance less than 15mΩ. For most designs,
the inductance value can be derived from
Equation (4):
OUT
IN
OUT
1
IN
L
OSC
V
(V
V
)
L
V
I
f

  
(4)
Where
∆I
L is the inductor ripple current.
Choose the inductor ripple current to be
approximately 30%
of the maximum load
current. The maximum inductor peak current
can be calculated with Equation (5):
2
I
I
I
L
LOAD
)
MAX
(
L
(5)
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous
and
therefore
requires
a
capacitor
to
supply
AC
current
while
maintaining the DC input voltage. Use low ESR
capacitors for optimum performance. Ceramic
capacitors with X5R or X7R dielectrics are
recommended because of their low ESR and
small
temperature
coefficients.
For
most
applications, use two 10µF capacitors. Since
C1 absorbs the input switching current, it
requires an adequate ripple-current rating. The
RMS current in the input capacitor can be
estimated with Equation (6):
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
(6)
The worst-case condition occurs at VIN = 2VOUT,
shown in Equation (7):
2
I
I
LOAD
1
C
(7)
For simplification, choose an input capacitor
that has an RMS current rating greater than half
the maximum load current.
The input capacitor can be electrolytic, tantalum,
or ceramic. When using electrolytic or tantalum
capacitors,
a
small,
high-quality,
ceramic
capacitor (e.g.:
0.1μF) should be placed as
close to the IC as possible. When using
ceramic capacitors, ensure that they have
enough capacitance to provide sufficient charge
to prevent excessive voltage ripple at input. The
input voltage ripple caused by capacitance can
be estimated with Equation (8):
LOAD
OUT
OUT
IN
IN
S
IN
I
V
V
V1
f
C1
V
V

 


(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com