Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2269 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2269
Description  3.3V - 30V, 1A, 12uA IQ, Synchronous, Step-Down Converter with External Soft Start and Power Good in 2x3mm QFN Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2269 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2269 Datasheet HTML 8Page - Monolithic Power Systems MP2269 Datasheet HTML 9Page - Monolithic Power Systems MP2269 Datasheet HTML 10Page - Monolithic Power Systems MP2269 Datasheet HTML 11Page - Monolithic Power Systems MP2269 Datasheet HTML 12Page - Monolithic Power Systems MP2269 Datasheet HTML 13Page - Monolithic Power Systems MP2269 Datasheet HTML 14Page - Monolithic Power Systems MP2269 Datasheet HTML 15Page - Monolithic Power Systems MP2269 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
MP2269 - 30V, 1A, LOW IQ, SYNCHRONOUS STEP-DOWN CONVERTER
MP2269 Rev. 1.0
www.MonolithicPower.com
12
10/11/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
LDO1
LDO2
VIN
BIAS
VCC
EN1
EN2
D1
Figure 3: VCC Regulator
Bootstrap Charging
The
bootstrap
capacitor
is
charged
and
regulated to about 5V by the dedicated internal
bootstrap regulator. When the voltage between
the BST and SW nodes is lower than its
regulation, a PMOS connected from VCC to
BST is turned on. The charging current path is
from VCC to BST to SW. When the HS-FET is
on, VIN is about equal to SW, so the bootstrap
capacitor cannot be charged.
At higher duty cycle operation conditions, the
time period available to the bootstrap charging
is less, so the bootstrap capacitor may not be
charged sufficiently. If the internal circuit does
not have sufficient voltage or time to charge the
bootstrap capacitor, extra external circuitry can
be used to ensure that the bootstrap voltage is
in the normal operation region.
Low-Dropout Operation
To improve dropout, the MP2269 is designed to
operate at almost 100% duty cycle as long as
the BST to SW voltage is greater than 2.5V.
When the voltage from BST to SW drops below
2.5V, the HS-FET is turned off using an under-
voltage lockout (UVLO) circuit that allows the
LS-FET to conduct and refresh the charge on
the BST capacitor. In DCM or PSM, the LS-FET
is forced on to refresh the BST voltage.
Since the supply current sourced from the BST
capacitor is low, the HS-FET can remain on for
more switching cycles than are required to
refresh the capacitor, making the effective duty
cycle of the switching regulator high.
The effective duty cycle during the dropout of
the regulator is mainly influenced by the voltage
drops across the power MOSFET, inductor
resistance, low-side diode, and printed circuit
board resistance.
Enable (EN) Control
EN is a digital control pin that turns the
regulator on and off. EN can be enabled by an
external logic H/L signal. When EN is pulled
below the threshold voltage, the chip is put into
the lowest shutdown current mode. Forcing EN
above the EN threshold voltage turns on the
part.
For
the
programmable
VIN
under-voltage
lockout (UVLO), with a high-enough VIN, the
chip can be enabled and disabled by EN (see
Figure
4).
This
circuit
can
generate
a
programmable VIN UVLO and hysteresis.
EN
VIN
REN1
REN2
Figure 4: Enable Divider Circuit
Frequency Programmable
The
MP2269
oscillating
frequency
is
programmed by an external resistor (Rfreq) from
FREQ to ground.
The
approximate
value
of
Rfreq can
be
calculated with Equation (1):
freq
s
86500
R
(k )
6.5
f (kHz)
 
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com