Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2269 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2269
Description  3.3V - 30V, 1A, 12uA IQ, Synchronous, Step-Down Converter with External Soft Start and Power Good in 2x3mm QFN Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2269 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2269 Datasheet HTML 9Page - Monolithic Power Systems MP2269 Datasheet HTML 10Page - Monolithic Power Systems MP2269 Datasheet HTML 11Page - Monolithic Power Systems MP2269 Datasheet HTML 12Page - Monolithic Power Systems MP2269 Datasheet HTML 13Page - Monolithic Power Systems MP2269 Datasheet HTML 14Page - Monolithic Power Systems MP2269 Datasheet HTML 15Page - Monolithic Power Systems MP2269 Datasheet HTML 16Page - Monolithic Power Systems MP2269 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MP2269 - 30V, 1A, LOW IQ, SYNCHRONOUS STEP-DOWN CONVERTER
MP2269 Rev. 1.0
www.MonolithicPower.com
13
10/11/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Soft Start (SS)
Soft start (SS) is implemented to prevent the
converter output voltage from overshooting
during start-up. When the soft-start period
begins, an internal current
source begins
charging the external soft-start capacitor. After
the soft-start voltage (SS) charges higher than
the internal offset voltage (typically 600mV),
VOUT starts up. When (SS - Voffest)/1.125 is lower
than the internal reference (REF), the error
amplifier
uses
(SS -
Voffest)/1.125 as the
reference. When (SS - Voffest)/1.125 is higher
than REF, REF regains control. CSS can be
calculated with Equation (2):
ref
Tss(ms) Iss( A)
Css(nF)
1.125 V (V)

(2)
The minimum TSS is 800µs, typically.
Pre-Bias Start-Up
The MP2269 has been designed for monotonic
start-up into pre-biased loads. If the output is
pre-biased to a certain voltage during start-up,
the BST voltage is refreshed and charged. The
voltage on the soft-start capacitor is charged as
well. If the BST voltage exceeds its rising
threshold voltage, and the soft-start capacitor
voltage
exceeds
1.125*VFB+Voffest,
the
part
begins working normally.
Thermal Shutdown
Thermal shutdown is implemented to prevent
the chip from running away thermally. When the
silicon die temperature is higher than its upper
threshold, the power MOSFETs are shut down.
When the temperature is lower than its lower
threshold, thermal shutdown is removed, and
the chip is enabled again.
Current Comparator and Current Limit
The power MOSFET current is accurately
sensed via a current sense MOSFET. The
current is then fed to the high-speed current
comparator for current-mode control purposes.
The current comparator uses this sensed
current as one of its inputs. When the HS-FET
is turned on, the comparator is first blanked
until the end of the turn-on transition to avoid
noise. Then, the comparator compares the
power switch current with VCOMP.
When the sensed current is higher than VCOMP,
the comparator outputs low to turn off the HS-
FET.
The maximum current of the internal power
MOSFET is limited cycle-by-cycle internally.
Hiccup Protection
When the output is shorted to ground, causing
the output voltage to drop below 70% of its
nominal output, the IC shuts down momentarily
and begins discharging the soft-start capacitor.
The IC restarts with a full soft start when the
soft-start capacitor is fully discharged. This
hiccup process is repeated until the fault is
removed.
Start-Up and Shutdown
If both VIN and EN are higher than their
respective thresholds, the chip starts up. The
reference block starts first, generating a stable
reference voltage and current, and then the
internal regulator is enabled. The regulator
provides a stable supply for the rest of the
circuitries.
While the internal supply rail starts up, an
internal timer holds the power MOSFET off for
about 50µs to blank the start-up glitches. When
the soft-start block is enabled, it first holds its
SS output low to ensure that the rest of the
circuitries are ready and then ramps up slowly.
Three events can shut down the chip: EN low,
VIN
low,
and
thermal
shutdown.
In
the
shutdown procedure, the signaling path is
blocked first to avoid any fault triggering. VCOMP
and the internal supply rail are then pulled down.
The floating driver is not subject to this
shutdown command, but its charging path is
disabled.
Power Good (PG) Output
The MP2269 has an open-drain pin as the
power good indicator (PG). PG can indicate
under-voltage (UV) and over-voltage (OV). Pull
PG up to VCC through a 100k
Ω resistor. At the
UV condition, when VFB exceeds 90% of VREF,
PG goes high. If VFB goes below 84% of VREF,
an internal MOSFET pulls PG down to ground.
At the OV condition, when VFB exceeds 118% of
VREF, PG goes high. If VFB goes below 110% of
VREF, PG goes low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com