Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2499M Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2499M
Description  36V, 3A Max, High-Efficiency, Synchronous, Step-Down Converter with Output Line Drop Compensation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2499M Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2499M Datasheet HTML 8Page - Monolithic Power Systems MP2499M Datasheet HTML 9Page - Monolithic Power Systems MP2499M Datasheet HTML 10Page - Monolithic Power Systems MP2499M Datasheet HTML 11Page - Monolithic Power Systems MP2499M Datasheet HTML 12Page - Monolithic Power Systems MP2499M Datasheet HTML 13Page - Monolithic Power Systems MP2499M Datasheet HTML 14Page - Monolithic Power Systems MP2499M Datasheet HTML 15Page - Monolithic Power Systems MP2499M Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MP2499M – 36V, 3A MAX, SYNCHRONOUS BUCK CONVERTER
MP2499M Rev 1.0
www.MonolithicPower.com
12
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
This current flows through the feedback resistor
(R1) and generates the compensation voltage
(VCOMP) (see Figure 3).
MP2499M
FB
GND
SW
L
+
R1
R2
Co
Rsense
+
-
VCOMP
Figure 3: Output Line Drop Compensation
Calculate VCOMP with Equation (2):
COMP
LOAD
SENSE
R1
V
I
R
1
16.5k



(2)
The line drop compensation voltage amplitude
increases linearly as the load current increases.
Setting a different R1 value can produce
different voltages to compensate for the cable
drop voltage (see Figure 4). When the load
current is 2.4A, R1 is 82.5k
Ω, RSENSE is 40mΩ,
and the compensation voltage is 384mV.
Figure 4: Output Line Drop Compensation at
Different R1 Values
Over-Current Protection (OCP) and Hiccup
The MP2499M uses a cycle-by-cycle over-
current limit when the inductor current peak
value exceeds the current limit threshold. If the
output voltage drops until FB is below the
under-voltage (UV) threshold (typically 30%
below the reference), the MP2499M enters
hiccup mode to restart the part periodically.
This protection mode is especially useful when
the output is dead-shorted to ground. The
average short-circuit current is reduced greatly
to alleviate thermal issues and protect the
regulator. The MP2499M exits hiccup mode
once the over-current condition is removed.
The MP2499M also has a continuous output
current limit. A current sensing resistor senses
the load current to protect the output from over-
current.
If output over-current is detected
(ISENSE voltage exceeds 118mV), and the
output voltage drops until FB is 30% below the
reference, the MP2499M enters hiccup mode.
The MP2499M enters hiccup mode when the
soft start finishes, over-current occurs (internal
cycle-by-cycle inductor peak current limit or
external sensed continuous output current limit),
and FB falls below the UV threshold.
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the silicon die temperature exceeds
170°C, the entire chip shuts down. When the
temperature drops below its lower threshold
(typically 140°C), the chip is enabled again.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating power MOSFET driver. A dedicated
internal regulator charges and regulates the
bootstrap capacitor voltage to ~5V (see Figure
5). When the voltage between the BST and SW
nodes drops below regulation, a PMOS pass
transistor connected from VIN to BST turns on.
The charging current path is from VIN to BST to
SW. The external circuit should provide enough
voltage headroom to facilitate charging. As long
as VIN is significantly higher than SW, the
bootstrap capacitor remains charged.
When the HS-FET is on, VIN ≈ VSW, so the
bootstrap capacitor cannot charge. When the
low-side MOSFET (LS-FET) is on, VIN - VSW
reaches its maximum for fast charging. When
there is no inductor current, VSW = VOUT, so the
difference between VIN and VOUT can charge the
bootstrap capacitor. The floating driver has its
own UVLO protection with a rising threshold of
2.2V and hysteresis of 150mV. A 20Ω resistor
placed between the SW and BST capacitor is
strongly recommended to reduce SW voltage
spikes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com