Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2499M Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2499M
Description  36V, 3A Max, High-Efficiency, Synchronous, Step-Down Converter with Output Line Drop Compensation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2499M Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2499M Datasheet HTML 9Page - Monolithic Power Systems MP2499M Datasheet HTML 10Page - Monolithic Power Systems MP2499M Datasheet HTML 11Page - Monolithic Power Systems MP2499M Datasheet HTML 12Page - Monolithic Power Systems MP2499M Datasheet HTML 13Page - Monolithic Power Systems MP2499M Datasheet HTML 14Page - Monolithic Power Systems MP2499M Datasheet HTML 15Page - Monolithic Power Systems MP2499M Datasheet HTML 16Page - Monolithic Power Systems MP2499M Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MP2499M – 36V, 3A MAX, SYNCHRONOUS BUCK CONVERTER
MP2499M Rev 1.0
www.MonolithicPower.com
13
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Figure 5: Internal Bootstrap Charging Circuit
Start-Up and Shutdown
If both VIN and EN/SYNC exceed their thresholds
respectively, the chip starts up. The reference
block starts first, generating stable reference
voltages and currents, and then the internal
regulator is enabled. The regulator provides a
stable supply for the remaining circuitries.
Three events can shut down the chip: EN/SYNC
low, VIN low, and thermal shutdown. In the
shutdown
procedure,
the
signaling
path
is
blocked first to avoid any fault triggering. The EA
VCOMP and the internal supply rail are then pulled
down. The floating driver is not subject to this
shutdown command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com