Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4423 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP4423
Description  High Efficiency 3A, 36V, Synchronous Step Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4423 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP4423 Datasheet HTML 1Page - Monolithic Power Systems MP4423 Datasheet HTML 2Page - Monolithic Power Systems MP4423 Datasheet HTML 3Page - Monolithic Power Systems MP4423 Datasheet HTML 4Page - Monolithic Power Systems MP4423 Datasheet HTML 5Page - Monolithic Power Systems MP4423 Datasheet HTML 6Page - Monolithic Power Systems MP4423 Datasheet HTML 7Page - Monolithic Power Systems MP4423 Datasheet HTML 8Page - Monolithic Power Systems MP4423 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MP4423 – 36V, 3A SYNCHRONOUS STEP-DOWN CONVERTER
MP4423 Rev. 1.0
www.MonolithicPower.com
2
8/18/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP4423GQ
QFN-8 (3mmx3mm)
See Below
For Tape & Reel, add suffix -Z (e.g. MP4423GQ-Z)
TOP MARKING
AJV: product code of MP4423GQ;
Y: year code;
LLL: lot number;
PACKAGE REFERENCE
1
2
3
45
6
7
8
TOP VIEW
QFN8 (3mmx3mm)
FB
VCC
EN/SYNC
BST
PG
SW
IN
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com