Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4423 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP4423
Description  High Efficiency 3A, 36V, Synchronous Step Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4423 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP4423 Datasheet HTML 8Page - Monolithic Power Systems MP4423 Datasheet HTML 9Page - Monolithic Power Systems MP4423 Datasheet HTML 10Page - Monolithic Power Systems MP4423 Datasheet HTML 11Page - Monolithic Power Systems MP4423 Datasheet HTML 12Page - Monolithic Power Systems MP4423 Datasheet HTML 13Page - Monolithic Power Systems MP4423 Datasheet HTML 14Page - Monolithic Power Systems MP4423 Datasheet HTML 15Page - Monolithic Power Systems MP4423 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MP4423 – 36V, 3A SYNCHRONOUS STEP-DOWN CONVERTER
MP4423 Rev. 1.0
www.MonolithicPower.com
12
8/18/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
OPERATION
The MP4423 is a high-frequency, synchronous,
rectified, step-down, switch-mode converter with
built-in power MOSFETs. It offers a very compact
solution to achieve 3A continuous output current
with excellent load and line regulation over a
wide input supply range.
The MP4423 operates in a fixed-frequency,
peak-current–control mode to regulate the output
voltage. An internal clock initiates a PWM cycle.
The integrated high-side power MOSFET turns
on and remains on until its current reaches the
value set by the COMP voltage. When the power
switch is off, it remains off until the next clock
cycle starts. If the current in the power MOSFET
does not reach the current value set by COMP
within 95% of one PWM period, the power
MOSFET will be forced to turn off.
Internal Regulator
The 5V internal regulator power most of the
internal circuitries. This regulator takes the VIN
input and operates in the full VIN range: When VIN
exceeds 5.0V, the output of the regulator is in full
regulation; when VIN falls below 5.0V, the output
of the regulator decreases following the VIN. A
0.1uF decoupling ceramic capacitor is needed at
the pin.
Error Amplifier
The error amplifier compares the FB pin voltage
against the internal 0.8V reference (REF) and
outputs a COMP voltage—this COMP voltage
controls the power MOSFET current. The
optimized
internal
compensation
network
minimizes the external component count and
simplifies the control loop design.
Enable/SYNC Control
EN/SYNC is a digital control pin that turns the
regulator on and off: Drive EN high to turn on the
regulator, drive it low to turn it off. An internal
500kΩ resistor from EN/SYNC to GND allows
EN/SYNC to be floated to shut down the chip.
The EN pin is clamped internally using a 6.5V
series Zener diode, as shown in Figure 2.
Connect the EN input pin through a pullup
resistor to any voltage connected to the VIN pin—
the pullup resistor limits the EN input current to
less than 150µA.
For example, with 12V connected to VIN, RPULLUP
≥ (12V – 6.5V) ÷ 150µA = 36.7kΩ.
Connecting the EN pin directly to a voltage
source without any pullup resistor requires
limiting voltage amplitude to ≤6V to prevent
damage to the Zener diode.
Figure 2: 6.5V-Type Zener Diode
Connect an external clock with a range of
200kHz to 2.2MHz 2ms after output voltage is set
to synchronize the internal clock rising edge to
the external clock rising edge. The pulse width of
external clock signal should be less than 1.7μs.
Under-Voltage Lockout
Under-voltage lockout (UVLO) protects the chip
from operating at an insufficient supply voltage.
The MP4423 UVLO comparator monitors the
output voltage of the internal regulator, VCC. The
UVLO rising threshold is about 3.5V while its
falling threshold is 3.3V.
Internal Soft-Start
The soft-start prevents the converter output
voltage from overshooting during startup. When
the chip starts, the internal circuitry generates a
soft-start voltage (SS) that ramps up from 0V to
1.2V. When SS is lower than REF, SS overrides
REF so the error amplifier uses SS as the
reference. When SS exceeds REF, the error
amplifier uses REF as the reference. The SS
time is internally set to 1.5ms.
Over-Current Protection and Hiccup
The MP4423 has cycle-by-cycle over current limit
when the inductor current peak value exceeds
the set current limit threshold. If the output
voltage starts to drop until FB is below the Under-
Voltage (UV) threshold—typically 84% below the
reference—the MP4423 enters hiccup mode to
periodically restart the part. This protectionmode
is especially useful when the output is dead-
shorted to ground. The average short-circuit
current is greatly reduced to alleviate the thermal
issue
and
to
protect
the
regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com