Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4473 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP4473
Description  High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4473 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP4473 Datasheet HTML 13Page - Monolithic Power Systems MP4473 Datasheet HTML 14Page - Monolithic Power Systems MP4473 Datasheet HTML 15Page - Monolithic Power Systems MP4473 Datasheet HTML 16Page - Monolithic Power Systems MP4473 Datasheet HTML 17Page - Monolithic Power Systems MP4473 Datasheet HTML 18Page - Monolithic Power Systems MP4473 Datasheet HTML 19Page - Monolithic Power Systems MP4473 Datasheet HTML 20Page - Monolithic Power Systems MP4473 Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
MP4473–HIGH-EFFICIENCY, FAST-TRANSIENT, SYNCHRONOUS, STEP-DOWN CONVERTER
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
MP4473 Rev. 1.0
www.MonolithicPower.com
21
12/15/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
PACKAGE INFORMATION
QFN-20 (3mm × 4mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com