Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4473 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP4473
Description  High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4473 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP4473 Datasheet HTML 9Page - Monolithic Power Systems MP4473 Datasheet HTML 10Page - Monolithic Power Systems MP4473 Datasheet HTML 11Page - Monolithic Power Systems MP4473 Datasheet HTML 12Page - Monolithic Power Systems MP4473 Datasheet HTML 13Page - Monolithic Power Systems MP4473 Datasheet HTML 14Page - Monolithic Power Systems MP4473 Datasheet HTML 15Page - Monolithic Power Systems MP4473 Datasheet HTML 16Page - Monolithic Power Systems MP4473 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
MP4473–HIGH-EFFICIENCY, FAST-TRANSIENT, SYNCHRONOUS, STEP-DOWN CONVERTER
MP4473 Rev. 1.0
www.MonolithicPower.com
13
12/15/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
6
SW
FREQ
IN
DELAY
IN
OUT
10
F(kHz)
96 R
(k )
V
[t
(ns)]
VV
=
×Ω
+×
(3)
where,
tDELAY—The comparator delay (~20ns).
The MP4473 is optimized for 200kHz-to-1MHz
applications; this enables applications to operate
at high-switching frequencies with high efficiency.
The high-switching frequency allows for smaller
LC-filter components that reduce PCB space
requirements.
Ramp Compensation
Figure 3 and Figure 4 show jitter occurring in
both PWM mode and skip mode. Noise on VFB’s
downward slope causes the HS-FET ON time to
deviate from its intended position and produce
jitter. The relationship between system stability
and the height of the VFB ripple is significant: the
steep slope of the VFB ripple dominates noise
immunity. The magnitude of the VFB ripple
doesn’t affect the noise immunity directly.
Figure 3: Jitter in PWM Mode
Figure 4: Jitter in Skip Mode
Ceramic output capacitors lack enough ESR
ripple to stabilize the system, and require an
external compensation ramp.
I
C4
I
FB
I
I
R4
I
FB
Figure 5: Simplified Circuit in PWM Mode with
External Ramp Compensation
In PWM mode, MP4473 has an equivalent circuit
with HS-FET OFF and uses an external ramp
compensation circuit (R4, C4), shown as a
simplified circuit in Figure 5. Derive the external
ramp from the inductor-ripple current. Choose C4,
R1, and R2 to meet the following condition:
12
SW
4
1
2
RR
11
2F
C
5
R
R
⎛⎞
×
<× ⎜⎟
π×
×
+
⎝⎠
(4)
then:
R4
C4
FB
C4
II
I
I
=
+≈
(5)
The VFB downward slope ripple is then calculated
as follows:
OUT
SLOPE1
44
V
V
RC
−
=
×
(6)
Using equation 6, reduce R4 or C4 to decrease
instability in PWM mode. If C4 cannot be reduced
further (due to the limitations of equation 4), then
only reduce R4. Based on bench experiments,
VSLOPE1 is around 20V/ms-40V/ms.
When using POSCAP or types of capacitors with
higher ESR, an external ramp is not necessary.
Figure 6: Simplified Circuit in PWM Mode without
External Ramp Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com