Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8714 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP8714
Description  High-Efficiency, 10A, 17V, Synchronous, Step-Down Converter With External Soft Start and Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8714 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP8714 Datasheet HTML 8Page - Monolithic Power Systems MP8714 Datasheet HTML 9Page - Monolithic Power Systems MP8714 Datasheet HTML 10Page - Monolithic Power Systems MP8714 Datasheet HTML 11Page - Monolithic Power Systems MP8714 Datasheet HTML 12Page - Monolithic Power Systems MP8714 Datasheet HTML 13Page - Monolithic Power Systems MP8714 Datasheet HTML 14Page - Monolithic Power Systems MP8714 Datasheet HTML 15Page - Monolithic Power Systems MP8714 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MP8714 – 17V, 10A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8714 Rev.1.0
www.MonolithicPower.com
12
12/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP8714 is a high-frequency, synchronous,
rectified, step-down, switch-mode converter
with built-in power MOSFETs. The MP8714
offers a very compact solution that achieves
10A of output current with excellent load and
line regulation over a wide input supply range.
The MP8714 has three working modes:
continuous conduction mode (CCM), advanced
asynchronous modulation (AAM) mode, and
discontinuous conduction mode (DCM).
CCM Control Operation
In continuous conduction mode (CCM), the
internal clock initiates a pulse-width modulation
(PWM) cycle. The high-side MOSFET (HS-
FET) turns on and remains on until VILsense
reaches the value set by the COMP voltage
(VCOMP). After a period of dead time, the low-
side MOSFET (LS-FET) turns on and remain on
until the next clock cycle begins. The MP8714
repeats this operation in every clock cycle to
regulate the output voltage.
If VILsense does not reach the value set by VCOMP
(500kHz switching frequency) within 95% of
one PWM period, the HS-FET is forced off.
AAM Control Operation
In light-load condition, the MP8714 works in
advanced asynchronous modulation (AAM)
mode (see Figure 2). VAAM is an internal, fixed
voltage when the input and output voltages are
fixed. VCOMP is the error amplifier output which
represents peak inductor current information.
When VCOMP is lower than VAAM, the internal
clock is blocked, so the MP8714 skips some
pulses and achieves light-load power save.
Refer to the related application note (AN032)
for more detail.
The internal clock resets whenever VCOMP is
higher than VAAM. Simultaneously, the HS-FET
turns on and remains on until VILsense reaches
the value set by VCOMP.
The light-load feature in this device is optimized
for 12V input applications.
Figure 2: Simplified AAM Control Logic
DCM Control Operation
VCOMP ramps up with the increasing output
current. When its minimum value exceeds VAAM,
the MP8714 enters discontinuous conduction
mode (DCM) (see Figure 3). In this mode, the
internal clock initiates the PWM cycle. The HS-
FET turns on and remains on until VILsense
reaches the value set by VCOMP. After a period
of dead time, the LS-FET turns on and remain
on until the inductor current value decreases to
zero. The MP8714 repeats this same operation
in every clock cycle to regulate the output
voltage.
Figure 3: DCM Control Operation
VCC Regulator
A 5V internal regulator powers most of the
internal circuitries. This regulator takes the VIN
input and operates in the full VIN range. When
VIN is greater than 5.0V, the output of the
regulator is in full regulation. When VIN is lower
than 5.0V, the output voltage decreases and
follows the input voltage. A 0.47μF ceramic
capacitor is required for decoupling purposes.
Error Amplifier (EA)
The error amplifier compares the FB voltage
with the internal 0.6V reference (REF) and
outputs a COMP voltage, which is used to
control the power MOSFET current. The
optimized
internal
compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com