Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8714 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP8714
Description  High-Efficiency, 10A, 17V, Synchronous, Step-Down Converter With External Soft Start and Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8714 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP8714 Datasheet HTML 9Page - Monolithic Power Systems MP8714 Datasheet HTML 10Page - Monolithic Power Systems MP8714 Datasheet HTML 11Page - Monolithic Power Systems MP8714 Datasheet HTML 12Page - Monolithic Power Systems MP8714 Datasheet HTML 13Page - Monolithic Power Systems MP8714 Datasheet HTML 14Page - Monolithic Power Systems MP8714 Datasheet HTML 15Page - Monolithic Power Systems MP8714 Datasheet HTML 16Page - Monolithic Power Systems MP8714 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MP8714 – 17V, 10A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8714 Rev.1.0
www.MonolithicPower.com
13
12/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
networkminimizes
the
external
component
count and implifies control loop design.
Enable Control (EN/SYNC)
EN/SYNC is a digital control pin that turns the
regulator on and off. Drive EN/SYNC high to
turn on the regulator; drive EN/SYNC low to
turn off the regulator. An internal 6.2µA pull-up
current to a 5V power supply allows for
automatic start-up when EN/SYNC is floating.
EN/SYNC is clamped internally using a 5.7V
series Zener diode (see Figure 4). Connecting
the EN/SYNC input through a pull-up resistor to
the voltage on VIN limits the EN/SYNC input
current to less than 100µA.
For example, with 12V connected to VIN,
RPULLUP ≥ (12V - 5.7V) ÷ 100µA = 63kΩ.
Connecting EN/SYNC to a voltage source
directly without a pull-up resistor requires
limiting the amplitude of the voltage source to
≤5.5V to prevent damage to the Zener diode.
Figure 4: 5.7V Zener Diode Connection
For external clock synchronization, connect a
clock with a frequency range between 200kHz
and 2MHz to EN/SYNC. The internal clock
rising edge synchronizes with the external clock
rising edge once the external clock is present.
Set the external clock signal with a pulse width
less than 80% of one internal clock cycle time.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the chip
from operating at an insufficient supply voltage.
The MP8714 UVLO comparator monitors the
output voltage of the internal regulator (VCC).
The UVLO rising threshold is about 4.16V,
while its falling threshold is 3.55V.
Soft Start (SS)
The MP8714 employs a soft start (SS)
mechanism to ensure smooth output during
power-up. When EN/SYNC becomes high, an
internal current source (10μA) charges up the
SS capacitor. The SS capacitor voltage takes
over the REF voltage to the PWM comparator.
The output voltage smoothly ramps up with the
SS voltage. Once the SS voltage reaches the
same level as the REF voltage, it continues
ramping up while VREF takes over the PWM
comparator. At this point, the soft start finishes
and MP8714 enters into steady-state operation.
The SS capacitor value can be determined with
Equation (1):


 

SS
SS
SS
REF
Tms
I
A
CnF
VV
(1)
If
the
output
capacitors
have
a
large
capacitance value, do not set the SS time to be
too small; otherwise, the current limit can be
easily reached during SS.
Pre-Bias Start-Up
The MP8714 has been designed for monotonic
start-up into a pre-biased output voltage. If the
output is pre-biased to a certain voltage during
start-up, the voltage on the soft-start capacitor
is charged. When the soft-start capacitor’s
voltage exceeds the sensed output voltage at
FB, the part turns on the high-side and low-side
power switches sequentially. The output voltage
begins to ramp up following the soft-start slew
rate.
Power Good (PG) Indicator
The MP8714 uses a power good (PG) output to
indicate whether the output voltage of the
module is ready or not. PG is an open-drain
output. Connect PG to VCC or another voltage
source through a pull-up resistor (e.g.: 100kΩ).
When the input voltage is applied, PG is pulled
down to GND. When VFB is above 90% of VREF,
PG is pulled high after a 100µs delay. During
normal operation, PG is pulled low when VFB
drops below 70% of VREF after a 100µs delay.
When UVLO or OTP occurs, PG is pulled low
immediately. When over-current (OC) occurs,
PG is pulled low when VFB drops below 70% of
VREF after a 100µs delay.
PG does not respond to an output over-voltage
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com