Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8720 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP8720
Description  26V,10A, High Efficiency, Fast Transient, Synchronous, Buck Converter with adjustable CLM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8720 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP8720 Datasheet HTML 8Page - Monolithic Power Systems MP8720 Datasheet HTML 9Page - Monolithic Power Systems MP8720 Datasheet HTML 10Page - Monolithic Power Systems MP8720 Datasheet HTML 11Page - Monolithic Power Systems MP8720 Datasheet HTML 12Page - Monolithic Power Systems MP8720 Datasheet HTML 13Page - Monolithic Power Systems MP8720 Datasheet HTML 14Page - Monolithic Power Systems MP8720 Datasheet HTML 15Page - Monolithic Power Systems MP8720 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
MP8720 – 26V, 10A, SYNCHRONOUS BUCK CONVERTER WITH ADJUSTABLE CLM
MP8720 Rev. 1.01
www.MonolithicPower.com
12
8/1/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
BLOCK DIAGRAM
Control
Logic
On Time
One Shot
Fault
Logic
Soft Start
POR &
Reference
130% Vref
OVP
OC Limit
POK
Min off time
FB
95% Vref
VDDQ
SW
BSTREG
VIN
BST
SW
PGND
PG
3V3
Output
Discharge
VIN
DC Error
Correction
+
+
FB
REF
Vref
FB
AGND
EN
CLM
MODE
3V3
UVP-2
UVP-1
75% Vref
50% Vref
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com