Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8720 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP8720
Description  26V,10A, High Efficiency, Fast Transient, Synchronous, Buck Converter with adjustable CLM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8720 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP8720 Datasheet HTML 9Page - Monolithic Power Systems MP8720 Datasheet HTML 10Page - Monolithic Power Systems MP8720 Datasheet HTML 11Page - Monolithic Power Systems MP8720 Datasheet HTML 12Page - Monolithic Power Systems MP8720 Datasheet HTML 13Page - Monolithic Power Systems MP8720 Datasheet HTML 14Page - Monolithic Power Systems MP8720 Datasheet HTML 15Page - Monolithic Power Systems MP8720 Datasheet HTML 16Page - Monolithic Power Systems MP8720 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
MP8720 – 26V, 10A, SYNCHRONOUS BUCK CONVERTER WITH ADJUSTABLE CLM
MP8720 Rev. 1.01
www.MonolithicPower.com
13
8/1/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.r
OPERATION
Pulse-Width Modulation (PWM) Operation
The MP8720 is a fully integrated, synchronous,
rectified, step-down, switch-mode converter
with
an
adjustable
current
limit
(CLM).
Constant-on-time (COT) control provides fast
transient response and eases loop stabilization.
At the beginning of each cycle, the high-side
MOSFET (HS-FET) is turned on when the
feedback voltage (VFB) is below the reference
voltage (VREF), which indicates an insufficient
output voltage. The on period is determined by
both the output voltage and the input voltage to
make the switching frequency fairly constant
over the input voltage range.
After the on period elapses, the HS-FET is
turned off or enters an off state. The HS-FET is
turned on again when VFB drops below VREF. By
repeating operation this way, the converter
regulates the output voltage. The integrated
low-side MOSFET (LS-FET) is turned on when
the HS-FET is in its off state to minimize
conduction loss. A dead short occurs between
the input and GND if both the HS-FET and the
LS-FET are turned on at the same time. This is
called shoot-through. To prevent shoot-through,
a dead time (DT) is generated internally
between the HS-FET off and the LS-FET on
period or the LS-FET off and the HS-FET on
period.
Internal compensation is applied for COT
control for stable operation, even when ceramic
capacitors are used as output capacitors. This
internal compensation improves
the jitter
performance without affecting the line or load
regulation.
Heavy-Load Operation
Continuous conduction mode (CCM) occurs
when the output current is high and the inductor
current is always above zero amps (see Figure
2). When VFB is below VREF, the HS-FET is
turned on for a fixed interval determined by the
one-shot on timer. When the HS-FET is turned
off, the LS-FET is turned on until the next
period.
In CCM operation, the switching frequency is
fairly constant (pulse-width modulation (PWM)
mode).
Figure 2: CCM Operation
Light-Load Operation
When the load decreases, the inductor current
decreases as well. Once the inductor current
reaches zero, the MP8720 transitions from
CCM to discontinuous conduction mode (DCM).
DCM operation is shown in Figure 3.
When VFB is below VREF, the HS-FET is turned
on for a fixed interval determined by the one-
shot on timer. When the HS-FET is turned off,
the LS-FET is turned on until the inductor
current reaches zero. In DCM operation, the VFB
does not reach VREF when the inductor current
is approaching zero. The LS-FET driver turns
into tri-state (Hi-Z) when the inductor current
reaches zero. A current modulator takes over
the control of the LS-FET and limits the inductor
current to less than
-1mA. Therefore, the
output capacitors discharge slowly to GND
through the LS-FET. As a result, the efficiency
during light-load condition improves greatly.
The HS-FET does not turn on as frequently
during a light-load condition as it does during a
heavy-load condition (skip mode).
At a light-load or no-load condition, the output
drops very slowly, and the MP8720 reduces the
switching frequency naturally, achieving high
efficiency at light load.
Figure 3: DCM Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com