Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGL2K Datasheet(PDF) 1 Page - Nova Electric. All Rights Reserved.

Part # CGL2K
Description  PURE SINEWAVE INVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOVA [Nova Electric. All Rights Reserved.]
Direct Link  https://novaelectric.com/
Logo NOVA - Nova Electric. All Rights Reserved.

CGL2K Datasheet(HTML) 1 Page - Nova Electric. All Rights Reserved.

  CGL2K Datasheet HTML 1Page - Nova Electric. All Rights Reserved. CGL2K Datasheet HTML 2Page - Nova Electric. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Military
CGL2K SERIES
PURE SINEWAVE INVERTER
2000 WATTS
CGL2K SERIES
PURE SINEWAVE INVERTER
2000 WATTS
12, 24, or 48VDC
12, 24, or 48VDC
120V 50/60 HZ or 220V 50/60HZ Output
120V 50/60 HZ or 220V 50/60HZ Output
Computers
Printers
Electric Tools
RVs
Monitors
Sail Boats
Instruments
Appliances
Photo Voltaic
AP
PPLICA
AT
T
TIION
A
A
S
S
APPLICATIONS
www.novaelectric.com
novasales@theallpower.com
NOVA
V
V
ELECTRIC
A
NOVA ELECTRIC
A Leader in Inverter Technology since 1966 - 500VA to 500+KVA
Nova Electric’s CGL-Series inverters are intended for commercial and industrial
applications wherever pure sinewave power is needed at 50 or 60 Hz.
These inverters are ideal for running electronic loads such as computers,
monitors, printers, telecom systems, radios, fluorescent lamps from batteries,
field generators, and solar electro-voltaic panels. They can also drive hand drills,
motors and small compressors – please consult the factory for proper sizing.
These CGL models can also be optionally ruggedized against shock, vibration,
and humidity for military applications including vehicle mounted, shipboard,
submarine, aircraft, and ground fixed shelters.


Similar Part No. - CGL2K

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CGL ITT-CGL Datasheet
82Kb / 1P
Circular; Industrial Automation Machine Tools Motion Control
logo
Coolgear Inc.
CGL-4P150BRD COOLGEAR-CGL-4P150BRD Datasheet
522Kb / 2P
USB PD Integrator Board for 150W Charging USB C/A Multi-Port - PCBA
CGL-4P180WUC COOLGEAR-CGL-4P180WUC Datasheet
675Kb / 2P
USB PD-Power Hub 4X45 180W TYPE-C Power Delivery MultiPort Charger with QC3.0
Rev 01.200714
logo
ITT Industries
CGL-B ITT-CGL-B Datasheet
82Kb / 1P
Circular; Industrial Automation Machine Tools Motion Control
logo
Coolgear Inc.
CGL-CCG3PAV3 COOLGEAR-CGL-CCG3PAV3 Datasheet
2Mb / 2P
USB Car Charger Board 60W USB C High Power PCB Only with Cypress CCG3PA, PPS Support
Rev 01.200715
More results

Similar Description - CGL2K

ManufacturerPart #DatasheetDescription
logo
Nova Electric. All Righ...
CGD1.5K NOVA-CGD1.5K Datasheet
576Kb / 2P
PURE-SINEWAVE DC-AC INVERTERS
CGL1.5K NOVA-CGL1.5K Datasheet
243Kb / 2P
PURE SINEWAVE INVERTER
CGL3K NOVA-CGL3K Datasheet
411Kb / 2P
PURE SINEWAVE INVERTER
CGL300W NOVA-CGL300W Datasheet
186Kb / 2P
PURE SINEWAVE INVERTER
CGL600W NOVA-CGL600W Datasheet
188Kb / 2P
PURE SINEWAVE INVERTER
CGP1K NOVA-CGP1K Datasheet
480Kb / 2P
PURE-SINEWAVE DC-AC INVERTERS
CGP3K NOVA-CGP3K Datasheet
495Kb / 2P
PURE-SINEWAVE DC-AC INVERTERS
CGP700W NOVA-CGP700W Datasheet
480Kb / 2P
PURE-SINEWAVE DC-AC INVERTERS
GH5060-120 NOVA-GH5060-120 Datasheet
454Kb / 2P
PURE-SINEWAVE DC-AC INVERTERS
GH5060-240 NOVA-GH5060-240 Datasheet
231Kb / 2P
Pure Sinewave Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com