Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGL2K Datasheet(PDF) 2 Page - Nova Electric. All Rights Reserved.

Part # CGL2K
Description  PURE SINEWAVE INVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOVA [Nova Electric. All Rights Reserved.]
Direct Link  https://novaelectric.com/
Logo NOVA - Nova Electric. All Rights Reserved.

CGL2K Datasheet(HTML) 2 Page - Nova Electric. All Rights Reserved.

  CGL2K Datasheet HTML 1Page - Nova Electric. All Rights Reserved. CGL2K Datasheet HTML 2Page - Nova Electric. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CGL2K-12-120 CGL2K-24-120 CGL2K-48-120 CGL2K-12-220 CGL2K-24-220 CGL2K-48-220
DC Voltage
12VDC
24VDC
48VDC
12VDC
24VDC
48VDC
Voltage Range
10.5~15.0VDC 21.0~30.0VDC 42.0~60.0VDC 10.5~15.0VDC 21.0~30.0VDC 42.0~60.0VDC
Efficiency (Typ.)
89.0%
92.0%
93.0%
91.0%
94.0%
95.0%
Low VDC Alarm
11VDC
22VDC
44VDC
11VDC
22VDC
44VDC
Low VDC Shutdown
10.5VDC
21.0VDC
42.0VDC
10.5VDC
21.0VDC
42.0VDC
Over Voltage
15.3VDC
30.6VDC
61.2VDC
15.3VDC
30.6VDC
61.2VDC
No Load Current draw
2.80A
1.50A
0.70A
2.64A
1.32A
0.65A
Stand-by Current draw
0.50A
0.30A
0.15A
0.60A
0.25A
0.15A
Weight
20 pounds / 9.0 Kg.
MECHANICAL SPECIFICATIONS
A Division of
TECHNOLOGY DYNAMICS, INC.
100 School St., Bergenfield NJ 07621
WEB ::
www.novaelectric.com
www.novaelectric.com
E-Mail :
novasales@theallpower.com
PHONE : (201) 385-0500 FAX : (201) 385-0702
NOVA ELECTRIC
CGL-SERIES PURE SINEWAVE DC-AC INVERTER
SPECIFICATIONS
ELECTRICAL
PROTECTIVE FEATURES
ENVIRONMENTAL
MODEL SELECTION
Input Voltage: 12, 24 or 48VDC
Output Voltage 110V models: 100/110/120 VAC
Output Voltage 230V models: 220/230/240 VAC
Rated Power: 2000W
Surge Power: 4000W
Frequency: 50 or 60 HZ switch selectable
AC Regulation: +/- 3%
Std. Rceptacles 110V models: NEMA5-20r
Std. Rceptacles 220V models: Schuko
Led Indicators: Input voltage level, output load
level and fault status
Operating Temp: -20° to +50°C
Storage Temp Range: -40° to +71°C
Humidity: to 95% non condensing
True sinewave output
THD < 3%
Input and output fully isolated
Load controlled cooling fan
Advanced microprocessor control
Output frequency 50/60 Hz switch selectable
Low power saving mode to conserve energy
CE approved
FEATURES
SAFETY & EMC
Safety Standards: Meets UL458
Isolation Resistance: I/P - O/P: 100M
Ohms / 500VDC
FOR 110V Models
FOR 110V Models
EMI Conduction and Radiation:
Compliance to FCC class A
FOR 230V Models
FOR 230V Models
EMI Conduction and Radiation:
Compliance to EN55022 class A
EMS Immunity: Compliance to
EN61000-3-2,3
LVD: Compliance to EN60950-1
e-MARK: Compliance to e-13 *
72/245/EEC, 95/54/EC
Input reverse polarity
Undervoltage
Overvoltage
Output short circuit
Overload
Overtemperature



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com