Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGL3K Datasheet(PDF) 1 Page - Nova Electric. All Rights Reserved.

Part # CGL3K
Description  PURE SINEWAVE INVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOVA [Nova Electric. All Rights Reserved.]
Direct Link  https://novaelectric.com/
Logo NOVA - Nova Electric. All Rights Reserved.

CGL3K Datasheet(HTML) 1 Page - Nova Electric. All Rights Reserved.

  CGL3K Datasheet HTML 1Page - Nova Electric. All Rights Reserved. CGL3K Datasheet HTML 2Page - Nova Electric. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CGL3K SERIES
PURE SINEWAVE INVERTER
3000 WATTS
12, 24, or 48VDC
12, 24, or 48VDC
120V 50/60 HZ or 220V 50/60HZ Output
120V 50/60 HZ or 220V 50/60HZ Output
Computers
Printers
Electric Tools
RVs
Monitors
Sail Boats
Instruments
Appliances
Military
Photo Voltaic
Nova Electric’s CGL-Series inverters are intended for commercial and industrial
applications wherever pure sinewave power is needed at 50 or 60 Hz.
These inverters are ideal for running electronic loads such as computers,
monitors, printers, telecom systems, radios, fluorescent lamps from batteries,
field generators, and solar electro-voltaic panels. They can also drive hand drills,
motors and small compressors – please consult the factory for proper sizing.
These CGL models can also be optionally ruggedized against shock, vibration,
and humidity for military applications including vehicle mounted, shipboard,
submarine, aircraft, and ground fixed shelters.
AP
PPLICA
AT
T
TIION
A
A
S
S
APPLICATIONS
www.novaelectric.com
novasales@theallpower.com
NOVA
V
V
ELECTRIC
A
NOVA ELECTRIC
A Leader in Inverter Technology since 1966 - 500VA to 500+KVA


Similar Part No. - CGL3K

ManufacturerPart #DatasheetDescription
logo
Nova Electric. All Righ...
CGL300W NOVA-CGL300W Datasheet
186Kb / 2P
PURE SINEWAVE INVERTER
CGL300W-12-110 NOVA-CGL300W-12-110 Datasheet
186Kb / 2P
PURE SINEWAVE INVERTER
CGL300W-12-230 NOVA-CGL300W-12-230 Datasheet
186Kb / 2P
PURE SINEWAVE INVERTER
CGL300W-24-110 NOVA-CGL300W-24-110 Datasheet
186Kb / 2P
PURE SINEWAVE INVERTER
CGL300W-24-230 NOVA-CGL300W-24-230 Datasheet
186Kb / 2P
PURE SINEWAVE INVERTER
More results

Similar Description - CGL3K

ManufacturerPart #DatasheetDescription
logo
Nova Electric. All Righ...
CGD1.5K NOVA-CGD1.5K Datasheet
576Kb / 2P
PURE-SINEWAVE DC-AC INVERTERS
CGL1.5K NOVA-CGL1.5K Datasheet
243Kb / 2P
PURE SINEWAVE INVERTER
CGL2K NOVA-CGL2K Datasheet
408Kb / 2P
PURE SINEWAVE INVERTER
CGL300W NOVA-CGL300W Datasheet
186Kb / 2P
PURE SINEWAVE INVERTER
CGL600W NOVA-CGL600W Datasheet
188Kb / 2P
PURE SINEWAVE INVERTER
CGP1K NOVA-CGP1K Datasheet
480Kb / 2P
PURE-SINEWAVE DC-AC INVERTERS
CGP3K NOVA-CGP3K Datasheet
495Kb / 2P
PURE-SINEWAVE DC-AC INVERTERS
CGP700W NOVA-CGP700W Datasheet
480Kb / 2P
PURE-SINEWAVE DC-AC INVERTERS
GH5060-120 NOVA-GH5060-120 Datasheet
454Kb / 2P
PURE-SINEWAVE DC-AC INVERTERS
GH5060-240 NOVA-GH5060-240 Datasheet
231Kb / 2P
Pure Sinewave Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com