Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGL3K Datasheet(PDF) 2 Page - Nova Electric. All Rights Reserved.

Part # CGL3K
Description  PURE SINEWAVE INVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOVA [Nova Electric. All Rights Reserved.]
Direct Link  https://novaelectric.com/
Logo NOVA - Nova Electric. All Rights Reserved.

CGL3K Datasheet(HTML) 2 Page - Nova Electric. All Rights Reserved.

  CGL3K Datasheet HTML 1Page - Nova Electric. All Rights Reserved. CGL3K Datasheet HTML 2Page - Nova Electric. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A Division of
TECHNOLOGY DYNAMICS, INC.
100 School St., Bergenfield NJ 07621
WEB ::
www.novaelectric.com
www.novaelectric.com
E-Mail :
novasales@theallpower.com
PHONE : (201) 385-0500 FAX : (201) 385-0702
NOVA ELECTRIC
SPECIFICATIONS
ELECTRICAL
PROTECTIVE FEATURES
ENVIRONMENTAL
MODEL SELECTION
CGL-SERIES PURE SINEWAVE DC-AC INVERTER
Input Voltage: 12, 24 or 48VDC
Output Voltage 110V models: 100/110/120 VAC
Output Voltage 230V models: 220/230/240 VAC
Rated Power: 3000W
Surge Power: 6000W
Frequency: 50 or 60 HZ switch selectable
AC Regulation: +/- 3%
Std. Rceptacles 110V models: NEMA5-20r
Std. Rceptacles 220V models: Schuko
Led Indicators: Input voltage level, output load
level and fault status
No load Current: <1.0W Sleep Mode
Output Waveform Sinewave: <3% THD
Output Regulation: -10% / +4% All models
Operating Temp: -20° to +50°C
Storage Temp Range: -40° to +71°C
Humidity: to 95% non condensing
• True sinewave output
• THD < 3%
• Input and output fully isolated
• Load controlled cooling fan
• Advanced microprocessor control
• Output frequency 50/60 Hz switch selectable
• Low power saving mode to conserve energy
• CE approved
FEATURES
SAFETY & EMC
Safety Standards: Meets UL458
Isolation Resistance: I/P - O/P: 100M
Ohms / 500VDC
FOR 110V Models
FOR 110V Models
EMI Conduction and Radiation:
Compliance to FCC class A
FOR 230V Models
FOR 230V Models
EMI Conduction and Radiation:
Compliance to EN55022 class A
EMS Immunity: Compliance to
EN61000-3-2,3
LVD: Compliance to EN60950-1
e-MARK: Compliance to e-13 *
72/245/EEC, 95/54/EC
• Input reverse polarity
• Undervoltage
• Overvoltage
• Output short circuit
• Overload
• Overtemperature
CGL3K-12-120 CGL3K-24-120 CGL3K-48-120 CGL3K-12-220 CGL3K-24-220 CGL3K-48-220
DC Voltage
12VDC
24VDC
48VDC
12VDC
24VDC
48VDC
Voltage Range
10.5~15.0VDC 21.0~30.0VDC 42.0~60.0VDC 10.5~15.0VDC 21.0~30.0VDC 42.0~60.0VDC
Efficiency (Typ.)
88.0%
91.0%
92.0%
90.0%
93.0%
94.0%
Low VDC Alarm
11VDC
22VDC
44VDC
11VDC
22VDC
44VDC
Low VDC Shutdown
10.5VDC
21.0VDC
42.0VDC
10.5VDC
21.0VDC
42.0VDC
Over Voltage
15.3VDC
30.6VDC
61.2VDC
15.3VDC
30.6VDC
61.2VDC
No Load Current draw
2.00A
1.60A
0.80A
2.80A
1.50A
0.70A
Stand-by Current draw
0.55A
0.35A
0.19A
0.50A
0.35A
0.19A
Weight
22 pounds / 9.98 Kg.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com