Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGP3K Datasheet(PDF) 1 Page - Nova Electric. All Rights Reserved.

Part # CGP3K
Description  PURE-SINEWAVE DC-AC INVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOVA [Nova Electric. All Rights Reserved.]
Direct Link  https://novaelectric.com/
Logo NOVA - Nova Electric. All Rights Reserved.

CGP3K Datasheet(HTML) 1 Page - Nova Electric. All Rights Reserved.

  CGP3K Datasheet HTML 1Page - Nova Electric. All Rights Reserved. CGP3K Datasheet HTML 2Page - Nova Electric. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For more information, please visit us at
www.novaelectric.com or email us at novasales@theallpower.com
NOVA ELECTRIC Leaderinpowerconversiontechnologysince1966
MADE IN USA
AS 9100
CerticateNo:US008267-1
» INPUT & OUTPUT FULLY ISOLATED
»OUTPUTPROTECTION:SHORTCIRCUIT/
OVERLOAD/OVER TEMPERATURE
» OUTPUT FREQUENC Y 50/60 Hz
SELECTABLE BY DIP SWITCH
APPLICATIONS
Nova Electric’s CGP-Series inverters are intended for commercial and industrial applications wherever
pure sinewave power is needed at 50 or 60 Hz. These inverters are ideal for running electronic loads
such as computers, monitors, printers, telecom systems, radios, fluorescent lamps from batteries,
field generators, and solar electro-voltaic panels. They can also drive hand drills, motors and small
compressors – please consult the factory for proper sizing. These CGP models can also be optionally
ruggedized against shock, vibration, and humidity for military applications including vehicle mounted,
shipboard, submarine, aircraft, and ground fixed shelters.
q COMPUTERS
q SAIL BOATS
q APPLIANCES
q PRINTERS
q PHOTO VOLTAIC
q INSTRUMENTS
q MONITORS
q ELECTRIC TOOLS
q RVs
CGP3K SERIES
PURE-SINEWAVE DC-AC INVERTERS
CGP3K SERIES
PURE-SINEWAVE DC-AC INVERTERS
3000W / 3000VA
12 V, 24 V, 48 V INPUT
SIX MODELS FOR
110V 50/60 Hz & 220V 50/60 Hz OUTPUT
3000W / 3000VA
12 V, 24 V, 48 V INPUT
SIX MODELS FOR
110V 50/60 Hz & 220V 50/60 Hz OUTPUT


Similar Part No. - CGP3K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CGP30 VISHAY-CGP30 Datasheet
29Kb / 2P
Clamper/Damper Glass Passivated Rectifier
03-Jan-03
CGP30 VISHAY-CGP30 Datasheet
82Kb / 4P
Clamper/Damper Glass Passivated Rectifier
20-Jan-11
CGP30 VISHAY-CGP30 Datasheet
74Kb / 5P
Clamper/Damper Glass Passivated Plastic Rectifier
06-Oct-2021
CGP30 VISHAY-CGP30_11 Datasheet
82Kb / 4P
Clamper/Damper Glass Passivated Rectifier
20-Jan-11
CGP30 VISHAY-CGP30_V01 Datasheet
74Kb / 5P
Clamper/Damper Glass Passivated Plastic Rectifier
06-Oct-2021
More results

Similar Description - CGP3K

ManufacturerPart #DatasheetDescription
logo
Nova Electric. All Righ...
1260-120 NOVA-1260-120 Datasheet
292Kb / 2P
PURE-SINEWAVE DC-AC INVERTERS
CGD1.5K NOVA-CGD1.5K Datasheet
576Kb / 2P
PURE-SINEWAVE DC-AC INVERTERS
CGD3.5K NOVA-CGD3.5K Datasheet
497Kb / 2P
PURE-SINEWAVE DC-AC INVERTERS
CGP1K NOVA-CGP1K Datasheet
480Kb / 2P
PURE-SINEWAVE DC-AC INVERTERS
CGP2K NOVA-CGP2K Datasheet
485Kb / 2P
PURE-SINEWAVE DC-AC INVERTERS
CGP700W NOVA-CGP700W Datasheet
480Kb / 2P
PURE-SINEWAVE DC-AC INVERTERS
G5060-240 NOVA-G5060-240 Datasheet
499Kb / 2P
PURE-SINEWAVE DC-AC INVERTERS
GH5060-72 NOVA-GH5060-72 Datasheet
470Kb / 2P
PURE-SINEWAVE DC-AC INVERTERS
GH5060-120 NOVA-GH5060-120 Datasheet
454Kb / 2P
PURE-SINEWAVE DC-AC INVERTERS
RCGL3K-24-120 NOVA-RCGL3K-24-120 Datasheet
626Kb / 2P
PURE-SINEWAVE DC-AC INVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com