Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGP3K Datasheet(PDF) 2 Page - Nova Electric. All Rights Reserved.

Part # CGP3K
Description  PURE-SINEWAVE DC-AC INVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOVA [Nova Electric. All Rights Reserved.]
Direct Link  https://novaelectric.com/
Logo NOVA - Nova Electric. All Rights Reserved.

CGP3K Datasheet(HTML) 2 Page - Nova Electric. All Rights Reserved.

  CGP3K Datasheet HTML 1Page - Nova Electric. All Rights Reserved. CGP3K Datasheet HTML 2Page - Nova Electric. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For more information, please visit us at
www.novaelectric.com or email us at novasales@theallpower.com
NOVA ELECTRIC Leaderinpowerconversiontechnologysince1966
MADE IN USA
AS 9100
CerticateNo:US008267-1
CGP3K SERIES
PURE-SINEWAVE DC-AC INVERTERS
STANDARD FEATURES
•
Microprocessor based design with absolutely
accurate and stable frequency.
•
Compact and light weight, yet rugged and
vehicle rated.
•
Tightly regulated output voltage and frequency
•
Switch selectable 50 or 60 Hz output, all models
•
Capable of driving highly reactive loads such as
electric tools and appliances.
•
Capable of driving highly capacitive loads such
as switching power supplies.
•
Three color LED status indicator
•
Suitable for vehicle or wall mounting.
•
Standard outputs 110V/60Hz, 230V/50Hz.
•
Switch selectable ±10V output change.
•
UL / e-13 / CE / FCC Approved
•
Temperature & load controlled cooling fan
ELECTRICAL
Input Voltage: See Table
Output Voltage 110V model: 100/110/115/120VAC
Output Voltage 220V model: 200/220/230/240 VAC
Output Frequency: 50 or 60 HZ ±0.5% Accuracy
Continuous Power Rating: 3000W/3000VA
Surge Rating: <6000VA (1 second)
Efficiency 110V model (full load): 90% - 92%
Efficiency 220V model (full load): 90% - 94%
Output Waveform Sinewave: <5% THD (120V)*
<3% THD (220V)**
Output Regulation: ±5% (120V), ±3% (220V)
Protection: Overload, Short Circuit, Reverse Polarity
(Fuse), O.T, Over/Under Input Voltage
SAFETY & EMC
120V: UL458***; FCC Class A****
220V: EN60950-1; EN55022 Class A****; EN55024;
EN61000-3-2, -3-3; EN61000-4-2, 3, 4, 5, 6, 8, 11
E-MARK (220V): Certified CISPR 25; ISO7637-2
ENVIRONMENTAL
•
Operating Temp.: -20° to +40°; + 60°C @ 40% Load
•
Storage Temp. Range: -30° to +71°C
•
Humidity: To 95% non-condensing
INDICATORS
• Input level
• Output level
• Failure (Fault)
MECHANICAL SPECIFICATIONS
*
**
Normal Condition: Vin=12.5V / 25V / 50V Vo=100 / 110 / 115 / 120
VAC 80% Full load (PF=1.0)
Normal Condition: Vin=12.5V / 25V / 50V Vo=200 /220 / 230 / 240
VAC 80% Full load (PF=1.0)
***
****
UL-458 only for GFCI receptacles
Warning: This is a class A product. In a domestic environment
this product may cause radio interference in which case the
user may be required to take adequate measures.
MODEL SELECTION
INPUT
VDC
120 V MODELS
50 Hz or 60 Hz
220 V MODELS
50 Hz or 60 Hz
DIMENSIONS
(L” x W” x H”) [mm]
WEIGHT
10.5 - 16.5 V
CGP3K-12-120
CGP3K-12-220
17.40 x 10.04 x 6.22 [442 x 255 x 158]
18.07 lbs [8.2 kg]
21 - 33 V
CGP3K-24-120
CGP3K-24-220
17.40 x 10.04 x 6.22 [442 x 255 x 158]
18.07 lbs [8.2 kg]
42 - 66 V
CGP3K-48-120
CGP3K-24-220
17.40 x 10.04 x 6.22 [442 x 255 x 158]
18.07 lbs [8.2 kg]
12 V - 120 V
24 V - 120 V
48 V - 120 V
12 V - 220 V
24 V - 220 V
48 V - 220V
No Load Power Consumption
On Mode @ Save Mode
On Mode @ No Load Mode
@12 VDC
<0.1 A
≤1.8 A
@24 VDC
<0.05 A
≤1.0 A
@48 VDC
<0.05 A
≤0.5 A
@12 VDC
<0.1 A
≤1.8 A
@24 VDC
<0.05 A
≤1.0 A
@ 48 VDC
<0.05 A
≤0.5 A
Input Under - Voltage Protection
10.5 ± 0.3 VDC
21.0 ± 0.5 VDC
42.0 ± 1.0 VDC
10.5 ± 0.3 VDC
21.0 ± 0.5 VDC
42.0 ± 1.0 VDC
Input Under - Voltage Recovery
12.5 ± 0.3 VDC
25.0 ± 0.5 VDC
50.0 ± 1.0 VDC
12.5 ± 0.3 VDC
25.0 ± 0.5 VDC
50.0 ± 1.0 VDC
Input Over - Voltage Protection
16.5 ± 0.3 VDC
33.0 ± 0.5 VDC
66.0 ± 1.0 VDC
16.5 ± 0.3 VDC
33.0 ± 0.5 VDC
66.0 ± 1.0 VDC
Input Over - Voltage Recovery
14.5 ± 0.3 VDC
29.0 ± 0.5 VDC
58.0 ± 1.0 VDC
14.5 ± 0.3 VDC
29.0 ± 0.5 VDC
58.0 ± 1.0 VDC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com