Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWC9SP Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LWC9SP
Description  SMD ceramic package with silicon resin
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWC9SP Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LWC9SP Datasheet HTML 7Page - OSRAM GmbH LWC9SP Datasheet HTML 8Page - OSRAM GmbH LWC9SP Datasheet HTML 9Page - OSRAM GmbH LWC9SP Datasheet HTML 10Page - OSRAM GmbH LWC9SP Datasheet HTML 11Page - OSRAM GmbH LWC9SP Datasheet HTML 12Page - OSRAM GmbH LWC9SP Datasheet HTML 13Page - OSRAM GmbH LWC9SP Datasheet HTML 14Page - OSRAM GmbH LWC9SP Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
released
LW C9SP
2008-07-21
11
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (TS)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A = 25 °C
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A = 85 °C
0
0
60
40
20
F
I
mA
120
80
˚C
OHL03811
50
100
150
200
250
FR4
MC PCB
TS
0
F
I
A
tp
s
OHL03050
0.01
0.2
0.4
0.6
0.8
1.0
1.2
0.41
0.81
1.21
1.61
2.01
D
T
t
=
P
T
P
t
F
I
0.5
0.2
0.1
0.02
0.05
0.01
D =
0.005
Angestrebte mittlere Lebensdauer
2) Seite 17
für mittlere Helligkeitsgruppe
Target median Lifetime
2) page 17
for median Brightness Group
Bedingungen
Conditions
mittlere
Lebensdauer
median
Lifetime
Einheit
Unit
I
F = 250mA
T
S = 25°C
50’000
Betriebsstunden
operating hours
I
F = 500 mA
T
S = 85°C
10’000
Betriebsstunden
operating hours
0
F
I
A
tp
s
OHL03050
0.01
0.2
0.4
0.6
0.8
1.0
1.2
0.41
0.81
1.21
1.61
2.01
D
T
t
=
P
T
P
t
F
I
0.5
0.2
0.1
0.02
0.05
0.01
D =
0.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com