Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWC9SP Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LWC9SP
Description  SMD ceramic package with silicon resin
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWC9SP Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LWC9SP Datasheet HTML 8Page - OSRAM GmbH LWC9SP Datasheet HTML 9Page - OSRAM GmbH LWC9SP Datasheet HTML 10Page - OSRAM GmbH LWC9SP Datasheet HTML 11Page - OSRAM GmbH LWC9SP Datasheet HTML 12Page - OSRAM GmbH LWC9SP Datasheet HTML 13Page - OSRAM GmbH LWC9SP Datasheet HTML 14Page - OSRAM GmbH LWC9SP Datasheet HTML 15Page - OSRAM GmbH LWC9SP Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
2008-07-21
12
released
LW C9SP
Maßzeichnung
8) Seite 18
Package Outlines
8) page 18
Kathodenkennung:
Markierung
Cathode mark:
mark
Gewicht / Approx. weight:
200 mg
Gurtung / Polarität und Lage
8) Seite 18
Verpackungseinheit 4000/Rolle, ø180 mm
Method of Taping / Polarity and Orientation
8) page 18
Packing unit 4000/reel, ø180 mm
GEOY7007
1.75 (0.069)
1.55 (0.061)
0.75 (0.030)
0.55 (0.022)
0.65 (0.026)
0.85 (0.033)
1.55 (0.061)
1.35 (0.053)
Anode
Protection
Diode
A
C
(0.82 (0.032)) typ.
OHAY2867
1.55 (0.061)
4 (0.157)
2 (0.079)
1.0 (0.039)
0.30 (0.012)
0.9 (0.035)
1.8 (0.071)
Protection
Diode
C
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com