Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWT676 Datasheet(PDF) 14 Page - OSRAM GmbH

Part # LWT676
Description  white P-LCC-2 package, colored diffused resin
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWT676 Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button LWT676 Datasheet HTML 7Page - OSRAM GmbH LWT676 Datasheet HTML 8Page - OSRAM GmbH LWT676 Datasheet HTML 9Page - OSRAM GmbH LWT676 Datasheet HTML 10Page - OSRAM GmbH LWT676 Datasheet HTML 11Page - OSRAM GmbH LWT676 Datasheet HTML 12Page - OSRAM GmbH LWT676 Datasheet HTML 13Page - OSRAM GmbH LWT676 Datasheet HTML 14Page - OSRAM GmbH LWT676 Datasheet HTML 15Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Revision History: 2005-04-05
Previous Version:
2004-03-29
Page
Subjects (changes since last revision)
Date of change
2
luminous intensity
5
chromaticity coordinate groups
3
power consumption from 90 to 85 mW
2
wavelength grouping for white
9
change of weight from 40 mg to 35 mg
2002-07-05
14
annotations
2002-07-25
13
recomm. solder pad for TOPLED
® and Power TOPLED® (OHLPY440)
2002-08-05
3, 4
value (reverse voltage from 5 V to 12 V)
2002-09-18
2
Ordering Code
2002-09-16
3
ambient temperature
2003-09-17
1
ESD-withstand voltage
2003-09-17
15
new patent no.
2003-09-17
all
new template
2003-12-22
all
Discontinuation of non-RoHS compliant product versions
2005-04-05
Patent List
Patent No.
US 6 066 861
US 6 277 301
US 6 245 259
US 6 576 930
2005-04-05
14
LW T676
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances. For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version in the Internet.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs
incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose! Critical
components
10) page 15 may only be used in life-support devices or systems11) page 15 with the express written approval of
OSRAM OS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com