Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWW5AM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LWW5AM
Description  white SMT package with clear silicone lens, chip level conversion
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWW5AM Datasheet(HTML) 1 Page - OSRAM GmbH

  LWW5AM Datasheet HTML 1Page - OSRAM GmbH LWW5AM Datasheet HTML 2Page - OSRAM GmbH LWW5AM Datasheet HTML 3Page - OSRAM GmbH LWW5AM Datasheet HTML 4Page - OSRAM GmbH LWW5AM Datasheet HTML 5Page - OSRAM GmbH LWW5AM Datasheet HTML 6Page - OSRAM GmbH LWW5AM Datasheet HTML 7Page - OSRAM GmbH LWW5AM Datasheet HTML 8Page - OSRAM GmbH LWW5AM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2013-06-20
1
2013-06-20
Golden DRAGON Plus
Datasheet
Version 1.0
LW W5AM
This Golden DRAGON® family member allows the
design of small size high brightness light sources,
while meeting highest lifetime requirements.
Dieses Mitglied der Golden-DRAGON®-Familie
ermöglicht die Entwicklung kleiner und dennoch heller
Lichtquellen - unter höchsten Ansprüchen an deren
Lebenserwartung.
Features:
Besondere Merkmale:
• Package: white SMT package with clear silicone
lens, chip level conversion
• Gehäusetyp: white SMT package with clear
silicone lens, chip level conversion
• Technology: ThinGaN
• Technologie: ThinGaN
• Viewing angle at 50 % IV: 170°
• Abstrahlwinkel bei 50 % IV: 170°
• Color: Cx = 0.33, Cy = 0.33 acc. to CIE 1931
(white); CRI (typ.) = 80; CTR = 5600 K
• Farbe: Cx = 0.33, Cy = 0.33 nach CIE 1931 (weiß);
CRI (typ.) = 80; CTR = 5600 K
• Luminous efficacy: typ. 89 lm/W
• Lichtausbeute: typ. 89 lm/W
•
Luminous flux: typ. 100 lm
•
Lichtstrom: typ. 100 lm
• Lumen Maintenance: Test results according to
IESNA LM-80 available
• Lichtstromerhaltung: Testergebnisse nach
IESNA LM-80 verfügbar


Similar Part No. - LWW5AM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LWW5SG ETC1-LWW5SG Datasheet
178Kb / 15P
Vorlaufige Daten Preliminary Data
logo
OSRAM GmbH
LWW5SG OSRAM-LWW5SG Datasheet
306Kb / 17P
white SMD package, colored diffused silicone resin
logo
List of Unclassifed Man...
LWW5SG-GYHY-5K8L ETC1-LWW5SG-GYHY-5K8L Datasheet
178Kb / 15P
Vorlaufige Daten Preliminary Data
logo
OSRAM GmbH
LWW5SM OSRAM-LWW5SM Datasheet
732Kb / 23P
Automotive Lighting Interior and Exterior
LWW5SM-KXLX-JKQL-24E4 OSRAM-LWW5SM-KXLX-JKQL-24E4 Datasheet
702Kb / 23P
white SMD package
More results

Similar Description - LWW5AM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBW5AM OSRAM-LBW5AM Datasheet
316Kb / 21P
white SMT package with clear silicone lens, chip level conversion
LUWW5AM OSRAM-LUWW5AM Datasheet
2Mb / 28P
white SMT package with clear silicone lens, chip level conversion
LCWW5AM OSRAM-LCWW5AM Datasheet
1Mb / 23P
white SMD package, colorless clear silicone resin, clear silicone lens, chip level conversion
LB-W5AM OSRAM-LB-W5AM Datasheet
316Kb / 21P
white SMT package with clear silicone lens, chip level conversion
LH-W5AM OSRAM-LH-W5AM Datasheet
317Kb / 21P
white SMT package with clear silicone lens, chip level conversion
LT-W5AM OSRAM-LT-W5AM Datasheet
1Mb / 23P
white SMT package with clear silicone lens, chip level conversion
LCW-W5SM OSRAM-LCW-W5SM Datasheet
839Kb / 26P
white SMD package, colorless clear silicone resin, chip level conversion
LW-W5AM OSRAM-LW-W5AM Datasheet
568Kb / 18P
white SMD package, colorless clear silicone resin, clear silicone lens, chip level conversion
LCW-W5AM OSRAM-LCW-W5AM Datasheet
1Mb / 23P
white SMD package, colorless clear silicone resin, clear silicone lens, chip level conversion
LUW-W5AM OSRAM-LUW-W5AM Datasheet
2Mb / 28P
white SMT package with clear silicone lens, chip level conversion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com