Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH9245 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH9245
Description  Reflective Interrupter with Schmitt-Trigger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9245 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH9245 Datasheet HTML 1Page - OSRAM GmbH SFH9245 Datasheet HTML 2Page - OSRAM GmbH SFH9245 Datasheet HTML 3Page - OSRAM GmbH SFH9245 Datasheet HTML 4Page - OSRAM GmbH SFH9245 Datasheet HTML 5Page - OSRAM GmbH SFH9245 Datasheet HTML 6Page - OSRAM GmbH SFH9245 Datasheet HTML 7Page - OSRAM GmbH SFH9245 Datasheet HTML 8Page - OSRAM GmbH SFH9245 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2013-11-05
2
Version 1.1
SFH 9245
Maximum Ratings (TA = 25 °C)
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Emitter
Sender
Reverse voltage
Sperrspannung
VR
5V
Forward current
Durchlassstrom
IF
50
mA
Surge current
Stoßstrom
(tp 10 s, D=0)
IFSM
0.7
A
Total power dissipation
Verlustleistung
Ptot
100
mW
Thermal resistance junction - ambient 1) page 13
Wärmewiderstand Sperrschicht - Umgebung
1) Seite 13
RthJA
495
K / W
Detector
Empfänger
Supply voltage
Betriebsspannung
VCC
-0.5 ... 20
V
Output voltage
Ausgangsspannung
VOUT
-0.5 ... 20
V
Output current
Ausgangsstrom
IOUT
50
mA
Total power dissipation
Verlustleistung
Ptot
175
mW
Interrupter
Lichtschranke
Operating and storage temperature range
Betriebs- und Lagertemperatur
Top; Tstg
-40 ... 100
°C
Total power dissipation
Verlustleistung
Ptot
150
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com