Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8865 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8865
Description  High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8865 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8865 Datasheet HTML 1Page - Monolithic Power Systems MP8865 Datasheet HTML 2Page - Monolithic Power Systems MP8865 Datasheet HTML 3Page - Monolithic Power Systems MP8865 Datasheet HTML 4Page - Monolithic Power Systems MP8865 Datasheet HTML 5Page - Monolithic Power Systems MP8865 Datasheet HTML 6Page - Monolithic Power Systems MP8865 Datasheet HTML 7Page - Monolithic Power Systems MP8865 Datasheet HTML 8Page - Monolithic Power Systems MP8865 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
MP8865
– SYNCHRONOUS STEP-DOWN CONVERTER
MP8865 Rev. 1.03
www.MonolithicPower.com
2
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MP8865GQ*
QFN-15 (3mmx3mm)
See Below
EVKT-8865
Evaluation Kit
*For Tape & Reel, add suffix
–Z (e.g. MP8865GQ–Z);
TOP MARKING
AGL: Product code of MP8865GQ
Y: Year code
LLL: Lot number
EVALUATION KIT EVKT-8865
EVKT-8865 Kit contents: (Items can be ordered separately).
#
Part Number
Item
Quantity
1
EV8865-Q-00A
MP8865GQ evaluation board
1
2
EVKT-USBI2C-02
Includes one USB to I2C dongle, one USB cable, and one
ribbon cable
1
3
Tdrive-8865
USB flash drive that stores the GUI installation file and
supplemental documents
1
Order direct from MonolithicPower.com or our distributors
USB to I2C Dongle
USB Cable
Ribbon Cable
Input Power
Supply
EV8865-Q-00A
Load
Input
Output
GUI
Figure 1: EVKT-8865 Evaluation Kit Set-Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com