Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8865 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP8865
Description  High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8865 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP8865 Datasheet HTML 17Page - Monolithic Power Systems MP8865 Datasheet HTML 18Page - Monolithic Power Systems MP8865 Datasheet HTML 19Page - Monolithic Power Systems MP8865 Datasheet HTML 20Page - Monolithic Power Systems MP8865 Datasheet HTML 21Page - Monolithic Power Systems MP8865 Datasheet HTML 22Page - Monolithic Power Systems MP8865 Datasheet HTML 23Page - Monolithic Power Systems MP8865 Datasheet HTML 24Page - Monolithic Power Systems MP8865 Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
MP8865
– SYNCHRONOUS STEP-DOWN CONVERTER
MP8865 Rev. 1.03
www.MonolithicPower.com
21
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
D[6:0]
VOUT
D[6:0]
VOUT
D[6:0]
VOUT
D[6:0]
VOUT
001 1101
0.89
011 1101
1.21
101 1101
1.53
111 1101
1.85
001 1110
0.90
011 1110
1.22
101 1110
1.54
111 1110
1.86
001 1111
0.91
011 1111
1.23
101 1111
1.55
111 1111
1.87
2. Reg01 SysCntlreg1
NAME
BITS
DEFAULT
DESCRIPTION
EN
D[7]
1
The I2C turns the part on or off. When the external EN is low, the
converter is off, and I2C is shutdown. When EN is high, the EN bit will
takes over.
The default EN bit is “1.”
GO_BIT
D[6]
0
Switch Bit of I2C Writing Authority for Output Reference Command Only.
Set GO_BIT=”1” to enable the I2C authority of the writing output
reference. When the command is finished, GO_BIT will auto re-
set to “0”
to prevent false operation of VOUT scaling. If the reference is adjusted
within 50mV, GO_BIT will NOT auto re-set to
“0.” If this is the case,
manually set GO_BIT to
“0.” Writing GO_BIT=“1” first is suggested, then
write the output reference voltage.
Slew Rate
D[5:3]
100
D[5:3]
SLEW RATE
D[5:3]
SLEW RATE
000
64 mV/uS
100
4 mV/uS
001
32 mV/uS
101
2 mV/uS
010
16 mV/uS
110
1 mV/uS
011
8 mV/uS
111
0.5 mV/uS
Switching
Frequency
D[2:1]
00
D[2:1]
Fs
00
600kHz
01
850kHz
10
1.1MHz
11
1.6MHz
Mode
D0
0
“0” enables PFM mode; high disables PFM mode.
3. Reg02 ID1
NAME
BITS
DESCRIPTION
Vendor ID
D[7:4]
1000
IC Revision
D[3:0]
IC Revision
4. Reg03 Status
NAME
BITS
DESCRIPTION
Reserved
D[7:5]
Reserved for Future Use. Always set at 0.
VID_OK
D[4]
I2C Controlled Voltage Adjustment is Finished. The internal circuit compares DAC
output with “VOUT” voltage. If “VOUT” is in the 90%-110% range of DAC output, the
VID_OK bit is high (which means the voltage scaling is finished). Otherwise,
VID_OK=”0.”
OC
D[3]
Output Over-Current Indication. When bit is high, the IC is in hiccup mode.
OTEW
D[2]
Die temperature early warning bit. When the bit is high, the die temperature is higher
than 120˚C.
OT
D[1]
Over-Temperature Indication. When the bit is high, the IC is in thermal shutdown.
PG
D[0]
Output Power Good Indication. When the bit is high, the VOUT power is good. This
means the VOUT is higher than 90% of the designed regulation voltage. See additional
details in the
“Power Good (PG) Indicator” section on page 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com