Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8867GLE Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP8867GLE
Description  High-Efficiency, 8A, 17V, Synchronous Step-Down Converter with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8867GLE Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP8867GLE Datasheet HTML 16Page - Monolithic Power Systems MP8867GLE Datasheet HTML 17Page - Monolithic Power Systems MP8867GLE Datasheet HTML 18Page - Monolithic Power Systems MP8867GLE Datasheet HTML 19Page - Monolithic Power Systems MP8867GLE Datasheet HTML 20Page - Monolithic Power Systems MP8867GLE Datasheet HTML 21Page - Monolithic Power Systems MP8867GLE Datasheet HTML 22Page - Monolithic Power Systems MP8867GLE Datasheet HTML 23Page - Monolithic Power Systems MP8867GLE Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
MP8867 – SYNCHRONOUS STEP-DOWN CONVERTER
MP8867 Rev.1.01
www.MonolithicPower.com
20
2/21/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
2. Reg01 SysCntlreg1
NAME
BITS
DEFAULT
DESCRIPTION
EN
D[7]
1
I
2C controlled turn on or turn off of the part. When the external EN is
low, the converter is off, and I
2C shuts down. When EN is high, the EN
bit will take over. The default EN bit is “1.”
GO_BIT
D[6]
0
Switch bit of the I
2C writing authority output reference command
only.
Set GO_BIT=”1” to enable the I
2C authority writing output
reference. When the command is finished, GO_BIT will auto reset to “0”
to prevent false operation of the VOUT scaling. If the reference
adjustment is within 50mV, GO_BIT will not reset to “0” automatically. In
this case, manually set GO_BIT to “0.” It is recommended to write
GO_BIT=”1” first before writing the output reference voltage.
Slew Rate
D[5:3]
100
D[5:3]
Slew Rate
D[5:3]
Slew Rate
000
64 mV/µs
100
4 mV/µs
001
32 mV/µs
101
2 mV/µs
010
16 mV/µs
110
1 mV/µs
011
8 mV/µs
111
0.5 mV/µs
Switching
Frequency
D[2:1]
00
D[2:1]
Fs
00
500kHz
01
750KHz
10
1MHz
11
1.5MHz
Mode
D0
1
PFM enable/disable bit.
A “0” enables PFM mode, and a high disables
PFM mode. The default is forced CCM.
3. Reg02 ID1
NAME
BITS
DESCRIPTION
Vendor ID
D[7:4]
1000
IC Revision
ID
D[3:0]
IC revision
4. Reg03 Status
NAME
BITS
DESCRIPTION
Reserved
D[7:5]
Reserved for future use.
Always set to 0.
VID_OK
D[4]
I
2C controlled voltage adjustment is done. The internal circuit compares the DAC
output with VOUT . If VOUT is in the 90%-110% range of the DAC output, the VID_OK bit
is high, which means the voltage scaling is finished. Otherwise, VID_OK= “0.” VID_OK
compares DAC with VOUT/FB. UV is 90%+-3%, OV is 110%+-3%.
OC
D[3]
Output over-current indication.
When the bit is high, the IC is in hiccup mode.
OTEW
D[2]
Die temperature early warning bit.
When the bit is high, the die temperature is higher
than 120˚C.
OT
D[1]
Over-temperature indication
. When the bit is high, the IC is in thermal shutdown.
PG
D[0]
Output power good indication.
When the bit is high, VOUT power is good. This means
that VOUT is higher than 90% of the designed regulation voltage. See additional details
in the Power Good Indicator section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com