Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8867GLE Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP8867GLE
Description  High-Efficiency, 8A, 17V, Synchronous Step-Down Converter with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8867GLE Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP8867GLE Datasheet HTML 17Page - Monolithic Power Systems MP8867GLE Datasheet HTML 18Page - Monolithic Power Systems MP8867GLE Datasheet HTML 19Page - Monolithic Power Systems MP8867GLE Datasheet HTML 20Page - Monolithic Power Systems MP8867GLE Datasheet HTML 21Page - Monolithic Power Systems MP8867GLE Datasheet HTML 22Page - Monolithic Power Systems MP8867GLE Datasheet HTML 23Page - Monolithic Power Systems MP8867GLE Datasheet HTML 24Page - Monolithic Power Systems MP8867GLE Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
MP8867 – SYNCHRONOUS STEP-DOWN CONVERTER
MP8867 Rev.1.01
www.MonolithicPower.com
21
2/21/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage in a FB Control
Loop
The reference voltage and external resistor
dividers set the output voltage through FB. The
feedback resistors R1 and R3 also set the
feedback loop bandwidth with the internal
compensation capacitor. Choose the R1 value
first and calculate R2 with Equation (3)(10):
1
V
V
R1
R2
REF
OUT
(3)
NOTE:
10) VREF is 0.6V when the power is up or EN is on. After the
MP8867 is enabled, VREF can be programmed through the
I
2C. Set V_BOOT=1 to enable the FB control loop.
The T-type network (see Figure 9) is highly
recommended.
Figure 9: T-Type Network
Table 1 lists the recommended feedback
resistor values for common output voltages.
Table 1: Resistor Selection for Common Output
Voltages with Default 0.6V VREF
(11)
VOUT
(V)
R1
(kΩ)
R2
(kΩ)
R3
(kΩ)
C6
(pF)
L
(µH)
0.9
80.6
(1%)
162
(1%)
51
(1%)
22
1.5
1.0
80.6
(1%)
120
(1%)
51
(1%)
22
1.5
1.2
80.6
(1%)
80.6
(1%)
40.2
(1%)
22
1.5
2.5
60.4
(1%)
19.1
(1%)
30
(1%)
22
2.2
3.3
60.4
(1%)
13.3
(1%)
20
(1%)
33
3.3
5
60.4
(1%)
8.25
(1%)
20
(1%)
33
3.3
NOTE:
11) The recommended parameters are based on a 12V input
voltage and a 22µFx4 output capacitor. Different input
voltages and output capacitor values may affect the
selection of R1, R2, R3, and C6. For additional component
parameters, please refer to the Typical Application Circuits
section on page 26.
Setting the Output Voltage in an I2C Control
Loop
In addition to setting the output voltage through
the FB loop, the I2C loop also sets the output
voltage through VOUT by setting V_BOOT=0. In
this case, the output voltage is the set reference
voltage. Refer to Table 1 for additional details
about the output voltage settings.
Output Voltage Dynamic Scale
To set the output voltage to dynamic scaling
during normal operation, refer to Figure 10 and
follow the steps below:
1. Write the GO_bit (reg01[6]) to “1.”
2. Write reg00 to select the feedback loop
by setting V_BOOT (reg00[7]) and set
the reference voltage output reference
(reg00[0:6])
simultaneously.
If
the
reference adjustment is within 50mV,
GO_BIT
will
not
reset
to
“0”
automatically. If this is the case, set
GO_BIT to “0” manually.
Repeat these steps if dynamic scaling is
needed for other voltages.
Voltage Scaling
Start
FB Control Loop
(FB Sense Feedback)
I2C Control Loop
(VOUT Direct Sense
Feedback)
Write reg00(Set
“V_BOOT”=1 &
“Vref” Code)
Write reg00(Set
“V_BOOT”=0 &
“Vref” Code)
Loop Selection
Write reg01[6]
“GO_Bit”=1
Figure 10: Output Voltage Dynamic Scale Flow
Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com