Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8868 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP8868
Description  High-Efficiency, 10A, 17V, Synchronous Step-Down Converter with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8868 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP8868 Datasheet HTML 17Page - Monolithic Power Systems MP8868 Datasheet HTML 18Page - Monolithic Power Systems MP8868 Datasheet HTML 19Page - Monolithic Power Systems MP8868 Datasheet HTML 20Page - Monolithic Power Systems MP8868 Datasheet HTML 21Page - Monolithic Power Systems MP8868 Datasheet HTML 22Page - Monolithic Power Systems MP8868 Datasheet HTML 23Page - Monolithic Power Systems MP8868 Datasheet HTML 24Page - Monolithic Power Systems MP8868 Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
MP8868 – SYNCHRONOUS STEP-DOWN CONVERTER
MP8868 Rev.1.1
www.MonolithicPower.com
21
5/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage in FB control
Loop
Reference voltage and external resistor divider
and can set the output voltage through FB. The
feedback resistor R1 and R3 also sets the
feedback loop bandwidth with the internal
compensation capacitor. Choose R1 value
firstly, R2 is then given by (10):
1
V
V
R1
R2
REF
OUT
−
=
Notes:
10) VREF is 0.6V when Power up or EN on. After MP8868 is
enabled, VREF can be programmed through I
2C. Set
V_BOOT=1 to enable FB control loop.
The T-type network (as shown in Figure 10) is
highly recommended.
Figure 9: T-Type Network
Table 2 lists the recommended feedback
resistors value for common output voltages.
Table 2: Resistor Selection for Common Output
Voltages with Default 0.6V VREF
(11)
VOUT
(V)
R1
(kΩ)
R2
(kΩ)
R3
(kΩ)
C6
(pF)
L
(µH)
0.9
80.6
(1%)
162
(1%)
51
(1%)
22
1.5
1.0
80.6
(1%)
120
(1%)
51
(1%)
22
1.5
1.2
80.6
(1%)
80.6
(1%)
40.2
(1%)
22
1.5
2.5
60.4
(1%)
19.1
(1%)
30
(1%)
22
2.2
3.3
60.4
(1%)
13.3
(1%)
20
(1%)
33
3.3
5
60.4
(1%)
8.25
(1%)
20
(1%)
33
3.3
Note:
11) The recommended parameters is basing on 12V input voltage
and 22µFx4 output capacitor, different input voltage and
output capacitor value may affect the selection of R1, R2, R3,
C6. For other components’ parameters, please refer to
TYPICAL APPLICATION CIRCUITS on page 26.
Setting the Output Voltage in I2C control
Loop
Besides setting the output voltage through FB
loop, I2C loop also can set the output voltage
through VOUT pin by setting V_BOOT=0. In
this case, output voltage is the set reference
voltage. Please refer to Table 1 for more details
about output voltage setting.
Output Voltage Dynamic Scale
To dynamic scale the output voltage during
MP8868 normal operating, it suggests following
below two steps and referring to the Figure 10:
Step1: Write the GO_Bit (reg01[6]) to “1”;
Step2: Write reg00 to select the feedback loop
by setting V_BOOT(reg00[7]) and set reference
voltage by Output Reference (reg00[0:6])
simultaneously. If reference adjust is within
50mV, GO_BIT won’t be auto reset to “0”, in
this case it needs manually set GO_BIT to “0”.
Repeat above two steps if need dynamic scale
to other voltage.
Voltage Scaling
Start
FB control loop
(FB pin sense feedback)
I2C control loop
(VOUT pin direct sense
feedback)
Write reg00(Set
“V_BOOT”=1 &
“Vref” code)
Write reg00(Set
“V_BOOT”=0 &
“Vref” code)
Loop selection
Write reg01[6]
“GO_Bit”=1
Figure 10: Output Voltage Dynamic Scale Flow
Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com