Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8868 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP8868
Description  High-Efficiency, 10A, 17V, Synchronous Step-Down Converter with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8868 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP8868 Datasheet HTML 8Page - Monolithic Power Systems MP8868 Datasheet HTML 9Page - Monolithic Power Systems MP8868 Datasheet HTML 10Page - Monolithic Power Systems MP8868 Datasheet HTML 11Page - Monolithic Power Systems MP8868 Datasheet HTML 12Page - Monolithic Power Systems MP8868 Datasheet HTML 13Page - Monolithic Power Systems MP8868 Datasheet HTML 14Page - Monolithic Power Systems MP8868 Datasheet HTML 15Page - Monolithic Power Systems MP8868 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
MP8868 – SYNCHRONOUS STEP-DOWN CONVERTER
MP8868 Rev.1.1
www.MonolithicPower.com
12
5/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN14
PIN#
Name
Description
1
BST
Bootstrap. Requires a capacitor between SW and BST pins to form a floating supply
across the high-side switch driver.
2
SW
Switch Output. Connect using a wide PCB trace.
3
SCL
I
2C Serial Clock.
4
SDA
I
2C Serial Data.
5
EN/SYNC
EN high to enable the MP8868. EN pin has internal 5.4uA pull-up current to 5V, so it
can auto startup when EN floating. Apply an external clock can to the EN pin to
change the switching frequency.
6
A0
I
2C address set pin. Left this pin float or pull it to VCC can set one address. Pull A0 pin
to ground can set another different address.
7
PG
Power Good Indication. Open drain structure. PG switches low if the output voltage is
out of regulation window. PG only indicates UV condition.
8
PGND
System Power Ground. Reference ground of the regulated output voltage. Requires
special consideration during PCB layout. Connect to ground plane with copper traces
and vias.
9
VIN
Supply Voltage. The MP8868 operates from a 4.5V-to-17V input rail. Requires ceramic
capacitor to decouple the input rail. Connect using a wide PCB trace.
10
VOUT
Sense input of output voltage. Connect it to the positive terminal of loading.
11
FB
Feedback. Connect to the tap of an external resistor divider from the output to GND to
set the output voltage in FB control loop.
12
SS
Soft start pin. Connect a capacitor from SS to ground can set the soft start time.
13
VCC
Internal LDO regulator output. Decouple with 0.47µF capacitor.
14
AGND
Signal Ground. AGND is not internally directly connected to System Ground, make
sure AGND connected to system Ground in PCB layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com