Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8868GLE Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP8868GLE
Description  High-Efficiency, 10A, 17V, Synchronous Step-Down Converter with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8868GLE Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP8868GLE Datasheet HTML 16Page - Monolithic Power Systems MP8868GLE Datasheet HTML 17Page - Monolithic Power Systems MP8868GLE Datasheet HTML 18Page - Monolithic Power Systems MP8868GLE Datasheet HTML 19Page - Monolithic Power Systems MP8868GLE Datasheet HTML 20Page - Monolithic Power Systems MP8868GLE Datasheet HTML 21Page - Monolithic Power Systems MP8868GLE Datasheet HTML 22Page - Monolithic Power Systems MP8868GLE Datasheet HTML 23Page - Monolithic Power Systems MP8868GLE Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
MP8868 – SYNCHRONOUS STEP-DOWN CONVERTER
MP8868 Rev.1.1
www.MonolithicPower.com
20
5/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
2. Reg01 SysCntlreg1
NAME
BITS
DEFAULT
DESCRIPTION
EN
D[7]
1
I
2C controlled turn-on or turn-off the part. When external EN pin is low,
the converter is off and I
2C is also shutdown. When EN pin is high, the
EN bit will take over. The default EN bit is “1”.
GO_BIT
D[6]
0
Switch bit of I
2C writing authority for output reference command only.
Set GO_BIT=”1” to enable the I
2C authority of writing output reference.
When the command is finished, GO_BIT will auto reset to “0” to prevent
false operation of VOUT scaling. If reference adjust is within 50mV,
GO_BIT won’t be auto reset to “0”. In this case need manually set
GO_BIT to “0”. Suggest writing GO_BIT=”1” first, then write the output
reference voltage.
D[5:3]
SLEW RATE
D[5:3]
SLEW RATE
000
64 mV/uS
100
4 mV/uS
001
32 mV/uS
101
2 mV/uS
010
16 mV/uS
110
1 mV/uS
Slew Rate
D[5:3]
100
011
8 mV/uS
111
0.5 mV/uS
D[2:1]
Fs
00
500kHz
01
750KHz
10
1MHz
Switching
Frequency
D[2:1]
00
11
1.5MHz
Mode
D0
1
A “0” enables PFM mode, a high disables PFM mode. Default in force
CCM.
3. Reg02 ID1
NAME
BITS
DESCRIPTION
Vendor ID
D[7:4]
1000
IC Revision
ID
D[3:0]
IC Revision
4. Reg03 Status
NAME
BITS
DESCRIPTION
Reserved
D[7:5]
Reserved for future use. Always set at 0
VID_OK
D[4]
I
2C controlled voltage adjustment is done. Internal circuit compares DAC output with
“VOUT” pin voltage, if “VOUT” is in the 90%-110% range of DAC output, VID_OK bit is
high which means the voltage scaling is finished. Otherwise, VID_OK=”0”.
VID_OK compares DAC with VOUT/FB. UV 90%+-3%, OV 110%+-3%
OC
D[3]
Output over current indication. When bit is high, IC is in hiccup mode.
OTEW
D[2]
Die temperature early warning bit. When the bit is high, the die temperature is higher
than 120˚C.
OT
D[1]
Over temperature indication. When bit is high the IC is in thermal shutdown
PG
D[0]
Output power good indication. When bit is high the VOUT power is good now. It means
the VOUT is higher than 90% of designed regulation voltage. See details in “Power
Good Indicator” Section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com