Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8868GLE Datasheet(PDF) 26 Page - Monolithic Power Systems

Part # MP8868GLE
Description  High-Efficiency, 10A, 17V, Synchronous Step-Down Converter with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8868GLE Datasheet(HTML) 26 Page - Monolithic Power Systems

Back Button MP8868GLE Datasheet HTML 19Page - Monolithic Power Systems MP8868GLE Datasheet HTML 20Page - Monolithic Power Systems MP8868GLE Datasheet HTML 21Page - Monolithic Power Systems MP8868GLE Datasheet HTML 22Page - Monolithic Power Systems MP8868GLE Datasheet HTML 23Page - Monolithic Power Systems MP8868GLE Datasheet HTML 24Page - Monolithic Power Systems MP8868GLE Datasheet HTML 25Page - Monolithic Power Systems MP8868GLE Datasheet HTML 26Page - Monolithic Power Systems MP8868GLE Datasheet HTML 27Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
MP8868 – SYNCHRONOUS STEP-DOWN CONVERTER
MP8868 Rev.1.1
www.MonolithicPower.com
26
5/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Figure 15: VIN=4.5-17V, VOUT=2.5V, IOUT=10A
Figure 16: VIN=6-17V, VOUT=3.3V, IOUT=10A
(14)
MP8868
VIN
9
5
PG
A0
SS
SDA
SCL
BST
SW
VOUT
VCC
PGND
AGND
FB
EN/SYNC
C3
0.47μF
R4
100kΩ
C1
22µF
R2
8.25kΩ
R3
20kΩ
C2
22µF
C2A
22µF
C1A
22µF
C1B
0.1µF
R5
0Ω
C5
0.1µF
C2B
22µF
R1
60.4kΩ
L1
3.3µH
C6
33pF
C4
22nF
VIN
8V-17V
PG
SDA
SCL
VOUT
5V/10A
13
7
4
3
6
14
8
12
11
10
2
1
C2C
22µF
A0
EN
Figure 17: VIN=8-17V, VOUT=5V, IOUT=10A
(14)
Notes
:
14) Basing on Evaluation Board test result at 25
ambient temperature, lower input voltage will trigger over temperature protection
℃
with full
load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com