Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8869 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8869
Description  17V, 12A, High-Efficiency, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8869 Datasheet HTML 1Page - Monolithic Power Systems MP8869 Datasheet HTML 2Page - Monolithic Power Systems MP8869 Datasheet HTML 3Page - Monolithic Power Systems MP8869 Datasheet HTML 4Page - Monolithic Power Systems MP8869 Datasheet HTML 5Page - Monolithic Power Systems MP8869 Datasheet HTML 6Page - Monolithic Power Systems MP8869 Datasheet HTML 7Page - Monolithic Power Systems MP8869 Datasheet HTML 8Page - Monolithic Power Systems MP8869 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
MP8869
– 17V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8869 Rev.1.0
www.MonolithicPower.com
2
6/8/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP8869GL
QFN-14 (3mmx4mm)
See Below
* For Tape & Reel, add suffix
–Z (e.g. MP8869GL–Z)
TOP MARKING
MP: Product code of MP8869GL
Y: Year code
W: Lot number
8869: First four digits of the part number
LLL: Lot number
PACKAGE REFERENCE
4
5
VOUT
VIN
VCC
AGND
BST
A0
FB
SS
6
SDA
EN
13
12
11
1
SCL
PG
14
10
9
3
7
SW
PGND
2
8
TOP VIEW
QFN-14 (3mmx4mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com