Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8869 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP8869
Description  17V, 12A, High-Efficiency, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP8869 Datasheet HTML 17Page - Monolithic Power Systems MP8869 Datasheet HTML 18Page - Monolithic Power Systems MP8869 Datasheet HTML 19Page - Monolithic Power Systems MP8869 Datasheet HTML 20Page - Monolithic Power Systems MP8869 Datasheet HTML 21Page - Monolithic Power Systems MP8869 Datasheet HTML 22Page - Monolithic Power Systems MP8869 Datasheet HTML 23Page - Monolithic Power Systems MP8869 Datasheet HTML 24Page - Monolithic Power Systems MP8869 Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
MP8869
– 17V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MP8869 Rev.1.0
www.MonolithicPower.com
21
6/8/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Start-Up and Shutdown
If VIN, VCC, and EN exceed their respective
thresholds, the chip starts up. The reference
block starts first, generating stable reference
voltages and currents, and then the internal
regulator is enabled. The regulator provides a
stable supply for the remaining circuitries.
Several events can shut down the chip: EN low,
VIN low, VCC low, thermal shutdown, OVP
latch,
and
OCP
latch.
In
the
shutdown
procedure, the signaling path is blocked first to
avoid any fault triggering. VEAO and the internal
supply rail are then pulled down.
I
2C Control and Default Output Voltage
When the MP8869 is enabled, the output
voltage is determined by the FB resistors with a
programmed soft-start time. Afterward, the I
2C
bus can communicate with the master. If the
chip does not receive an I
2C communication
signal continuously, it can work through FB and
performs behavior similar to a traditional non-
I
2C part. The output voltage is determined by
the resistor dividers R1, R2, and FB reference
voltage. VOUT can be calculated by Equation (3):
R1
Vout(V)
0.6 (1
)
R2
 
(3)
The FB loop VREF is 0.6V. The FB loop
reference voltage is a fixed value that cannot be
adjusted by the I
2C.
Loop Switch
There is no output slew rate control during the
FB loop to the I
2C loop. When the output
voltage setting is much larger or smaller than
the present voltage, it is recommended to take
two steps to finish the loop switch and output
voltage setting.
During the FB loop to the I
2C loop, first set the
output voltage in the I
2C loop to the present
output voltage, and then set V_BOOT = 0 to
switch the FB loop to the I
2C loop. Second,
change the output voltage to the target with
slew-rate control in the I
2C loop. Please refer to
the Output Voltage Dynamic Scaling section on
page 30 for details.
In the I
2C control loop, the output voltage is
determined by the I
2C control, and the FB
feedback loop is disabled. After the MP8869
receives a valid data byte of the output voltage
setting, the MP8869 adjusts the DAC output as
the reference voltage with a controlled slew rate.
The slew rate is determined by three bits D[5:3]
in register 01.
I
2C Slave Address
To support multiple devices used on the same
I
2C bus, A0 can be used to select four different
addresses. A resistor divider from VCC to GND
can achieve an accurate reference voltage.
Connect A0 to this reference voltage to set a
different I
2C slave address (see Figure 6). The
internal
circuit
changes
the
I
2C address
accordingly. When the master sends an 8-bit
address value, the 7-bit I
2C address should be
followed
by
0/1
to
indicate
a
write/read
operation. Table 2 shows the recommended I
2C
address selection by the A0 voltage.
A0
RA0_up
RA0_down
VCC
2MΩ
Figure 6: I
2C Slave Address Selection Set-Up
Table 2: Recommended I
2C Slave Address
Selection by A0 Resistor Divider
A0 Upper
Resistor
RA0_up(kΩ)
A0 Lower
Resistor
RA0_down (kΩ)
I
2C Slave Address
Binary
Hex
No connect
No connect
110 0000
60H
500
300
110 0010
62H
300
500
110 0100
64H
100
No connect
110 0110
66H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com