Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMT332 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BMT332
Description  700-2400 MHz 2W High Linearity 5V 2-Stage Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BMT332 Datasheet(HTML) 1 Page - BeRex Corporation

  BMT332 Datasheet HTML 1Page - BeRex Corporation BMT332 Datasheet HTML 2Page - BeRex Corporation BMT332 Datasheet HTML 3Page - BeRex Corporation BMT332 Datasheet HTML 4Page - BeRex Corporation BMT332 Datasheet HTML 5Page - BeRex Corporation BMT332 Datasheet HTML 6Page - BeRex Corporation BMT332 Datasheet HTML 7Page - BeRex Corporation BMT332 Datasheet HTML 8Page - BeRex Corporation BMT332 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
700-2400 MHz 2W High Linearity 5V 2-Stage Power Amplifier
BMT332
1
Rev. E
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
• +5V/680mA at operating bias condition
• Gain = 27.3 dB @ 1850 MHz
• P1dB = 33.1 dBm @ 1850MHz
• LTE 10M ACLR = 23.5dBm Output Power at -50dBc @ 1850MHz
• Intergrated interstage matching
• Lead-free/Green/RoHS-compliant QFN5x5 SMT package
The BMT332 is a high dynamic range two-
stage power amplifier housed in RoHS com-
pliant 20 pin, 5x5mm QFN package. The
BMT332 uses a high reliability InGaP/GaAs
HBT process technology. The BMT332 is de-
signed for use where high linearity and gain
is required. The BMT332 is able to deliver
over 23 dBm output power from 700 to
2400MHz while maintaining superior ACLR
performance with a few external matching
components. All devices are 100% RF/DC
screened.
Product Description
Device Features
1 Device performance _ measured on a BeRex evaluation board at 25°C, 50 Ω
system.
2 OIP3 _ measured on two tones with a output power 23dBm/ tone , F2-F1 = 1 MHz..
Typical Performance
1
Parameter
Frequency
Unit
1850
1960
2140
2350
MHz
1750
850
Gain
27.3
26.7
26.0
24.0
dB
28.0
33.5
S11
-30.0
-26.0
-17.0
-17.0
dB
-30.0
-18.0
S22
-11.5
-12.0
-11.0
-12.5
dB
-11.5
-14.5
OIP3
2
49.0
49.0
47.5
47.5
dBm
50.0
50.0
P1dB
33.1
33.1
33.2
33.1
dBm
33.2
33.6
LTE 10M ACLR
23.5
23.2
23.8
23.2
dBm
23.4
23.4
WCDMA ACLR
23.7
23.5
24.0
23.5
dBm
23.7
23.5
Noise Figure
5.6
5.5
5.5
5.3
dB
5.6
7.0
Min.
Typical
Max.
Unit
Bandwidth
700
2400
MHz
Ibias @ (IREF1&2 + IB1&2)
33
mA
IC @ (IC1 + IC2)
680
mA
VCC/VBias
5.0
V
RTH
7.9
°C/W
Application Circuits
*external matching circuit: refer to the page 4 to 19.
*ACLR Channel Power measured at -50dBc.
- LTE set-up: 3GPP LTE, FDD E-TM3.1, 10MHz BW, ±5MHz offset, PAR 9.75 @0.01% Prob.
- WCDMA set-up: 3GPP WCDMA, TM1+64DPCH, +5MHz offset, PAR 9.78 at 0.01% Prob.
• Base station /Repeaters Infrastructure
• Commercial/Industrial/Military wireless system
• LTE / WCDMA /CDMA Wireless Infrastructure
Applications
Absolute Maximum Ratings
Parameter
Unit
Rating
Operating Case Temperature
°C
-40 to +85
Storage Temperature
°C
-55 to +155
Junction Temperature
°C
+200
Operating Voltage
V
+6
Supply Current
mA
2000
Input RF Power
dBm
23
*Operation of this device above any of these parameters may result in permanent damage.


Similar Part No. - BMT332

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BMT332 BEREX-BMT332 Datasheet
2Mb / 25P
700-2400 MHz 2W High Linearity 5V 2-Stage Power Amplifier
More results

Similar Description - BMT332

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH323-G TRIQUINT-AH323-G_15 Datasheet
1Mb / 17P
2W High Linearity 5V 2-Stage Amplifier
logo
BeRex Corporation
BMT333 BEREX-BMT333 Datasheet
1Mb / 20P
1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
BMT332 BEREX-BMT332 Datasheet
2Mb / 25P
700-2400 MHz 2W High Linearity 5V 2-Stage Power Amplifier
BMT321 BEREX-BMT321_16 Datasheet
2Mb / 23P
0.7-2.8 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BMT352 BEREX-BMT352_16 Datasheet
1Mb / 22P
3.0-4.0 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BMT321 BEREX-BMT321_18 Datasheet
1Mb / 23P
0.7-2.8 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BMT333 BEREX-BMT333_18 Datasheet
1Mb / 20P
1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
BMT352 BEREX-BMT352_18 Datasheet
1Mb / 22P
3.0-4.0 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
logo
Qorvo, Inc
TQP7M9104 QORVO-TQP7M9104 Datasheet
808Kb / 17P
2W High-Linearity Amplifier
logo
Skyworks Solutions Inc.
SKY65127 SKYWORKS-SKY65127 Datasheet
1Mb / 11P
700–800 MHz High Linearity 2 W Power Amplifier
February 03, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com