Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMT332 Datasheet(PDF) 3 Page - BeRex Corporation

Part # BMT332
Description  700-2400 MHz 2W High Linearity 5V 2-Stage Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BMT332 Datasheet(HTML) 3 Page - BeRex Corporation

  BMT332 Datasheet HTML 1Page - BeRex Corporation BMT332 Datasheet HTML 2Page - BeRex Corporation BMT332 Datasheet HTML 3Page - BeRex Corporation BMT332 Datasheet HTML 4Page - BeRex Corporation BMT332 Datasheet HTML 5Page - BeRex Corporation BMT332 Datasheet HTML 6Page - BeRex Corporation BMT332 Datasheet HTML 7Page - BeRex Corporation BMT332 Datasheet HTML 8Page - BeRex Corporation BMT332 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
700-2400 MHz 2W High Linearity 5V 2-Stage Power Amplifier
BMT332
3
Rev. E
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
Typical Device Data
S-parameters (Vcc & VBias =+5V, Icq=680mA, Ta=25°C)
Freq
S11
S11
S21
S21
S12
S12
S22
S22
[MHz]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
100
0.913
173.761
24.816
32.166
0.003
79.828
0.801
-178.428
500
0.619
171.121
26.921
-92.025
0.001
-44.058
0.869
-176.093
1000
0.701
-177.176
15.441
-178.364
0.002
59.383
0.879
-177.489
1500
0.784
177.684
10.073
107.582
0.001
119.430
0.895
179.724
2000
0.826
174.821
5.629
28.494
0.001
52.589
0.901
177.048
2500
0.877
167.581
2.533
-60.751
0.002
52.748
0.909
174.926
3000
0.856
164.082
0.614
-113.048
0.003
73.959
0.876
171.808
3500
0.863
160.570
0.198
-148.521
0.002
48.291
0.800
161.758
4000
0.868
160.252
0.085
179.517
0.004
44.770
0.607
121.233
S-Parameter
(Vcc & VBias = 5.0V, Icq = 680mA, Ta= 25 °C, calibrated to device leads)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com