Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSW6321 Datasheet(PDF) 13 Page - BeRex Corporation

Part # BSW6321
Description  5MHz-6000MHz High Linearity Reflective SPDT RF switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BSW6321 Datasheet(HTML) 13 Page - BeRex Corporation

Back Button BSW6321 Datasheet HTML 5Page - BeRex Corporation BSW6321 Datasheet HTML 6Page - BeRex Corporation BSW6321 Datasheet HTML 7Page - BeRex Corporation BSW6321 Datasheet HTML 8Page - BeRex Corporation BSW6321 Datasheet HTML 9Page - BeRex Corporation BSW6321 Datasheet HTML 10Page - BeRex Corporation BSW6321 Datasheet HTML 11Page - BeRex Corporation BSW6321 Datasheet HTML 12Page - BeRex Corporation BSW6321 Datasheet HTML 13Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
Ver. 2.1
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
5MHz-6000MHz High Linearity Reflective SPDT RF switch
BSW6321
Tape & Reel
NATO CAGE code:
2
N
9
6
F
MSL / ESD Rating
Package Marking
S : Switch
2 : The number of switch throw
B : Sequential Number
Y : Year
WW : Work Week
Figure 28 Package Marking
Lead plating finish
100% Tin Matte finish
(All BeRex products undergoes a 1 hour, 150 degree C, Anneal bake to eliminate thin whisker growth concerns.)
MSL / ESD Rating
ESD Rating: Class 2
Value:
Passes < 2500V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114B
MSL Rating: Level 1 at +265°C convection reflow
Standard:
JEDEC Standard J-STD-020
Packaging information :
Tape Width (mm) : 8
Reel Size (inches) : 7
Device Cavity Pitch (mm) : 4
Device Per Reel : 3000EA
4.00±0.10
ø1.00±0.10
4.00±0.10
2.00±0.05
1.74±0.05
0.25±0.05
0.75±0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com