Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSW6321 Datasheet(PDF) 2 Page - BeRex Corporation

Part # BSW6321
Description  5MHz-6000MHz High Linearity Reflective SPDT RF switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BSW6321 Datasheet(HTML) 2 Page - BeRex Corporation

  BSW6321 Datasheet HTML 1Page - BeRex Corporation BSW6321 Datasheet HTML 2Page - BeRex Corporation BSW6321 Datasheet HTML 3Page - BeRex Corporation BSW6321 Datasheet HTML 4Page - BeRex Corporation BSW6321 Datasheet HTML 5Page - BeRex Corporation BSW6321 Datasheet HTML 6Page - BeRex Corporation BSW6321 Datasheet HTML 7Page - BeRex Corporation BSW6321 Datasheet HTML 8Page - BeRex Corporation BSW6321 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Ver. 2.1
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
5MHz-6000MHz High Linearity Reflective SPDT RF switch
BSW6321
Electrical Specifications - 50Ω
Typical conditions are at VDD = 3.3V, TA = 25°C, V1 Low = 0V, V1 High = 3.3V, ZL = 50Ω, Excluding SMA Connector and PCB loss, unless other-
wise noted.
Table 1 Electrical Specifications - 50Ω
Parameter
Path
Condition
Min
Typ
Max
Unit
Operating Frequency
5
6000
MHz
Insertion Loss
ANT - Tx
ANT - Rx
13.56MHz
1GHz
2GHz
2.45GHz
3GHz
4GHz
5GHz
5.75GHz
6GHz
0.34
0.42
0.48
0.50
0.58
0.60
0.73
0.75
0.80
dB
Isolation
ANT - Tx
ANT - Rx
13.56MHz
1GHz
2GHz
2.45GHz
3GHz
4GHz
5GHz
5.75GHz
6GHz
82
52
43
40
38
33
32
30
28
dB
Isolation
Tx - Rx
Rx - Tx
13.56MHz
1GHz
2GHz
2.45GHz
3GHz
4GHz
5GHz
5.75GHz
6GHz
82
43
36
35
32
29
25
25
25
dB
Return Loss
ANT, Tx, Rx
5MHz – 6GHz (Active port)
20
dB
Input P1dB
ANT - Tx
2.45GHz
5.75GHz
39
36
dBm
ANT - Rx
2.45GHz
5.75GHz
38
34
* Tone Power is 18dBm and Tone spacing is 20KHz.
** DC transient test at RF all ports (ANT,Tx,Rx) when V1 is switched from High to Low or from Low to High in a 50Ω setup.
Excluding SMA Connector and PCB loss. 1GHz (0.12dB), 2GHz (0.20dB), 3GHz (0.27dB), 4GHz (0.35dB), 5GHz (0.51dB), 6GHz (0.52dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com