Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT7Q512 Datasheet(PDF) 13 Page - Aeroflex Circuit Technology

Part # UT7Q512
Description  512K x 8 SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT7Q512 Datasheet(HTML) 13 Page - Aeroflex Circuit Technology

Back Button UT7Q512 Datasheet HTML 8Page - Aeroflex Circuit Technology UT7Q512 Datasheet HTML 9Page - Aeroflex Circuit Technology UT7Q512 Datasheet HTML 10Page - Aeroflex Circuit Technology UT7Q512 Datasheet HTML 11Page - Aeroflex Circuit Technology UT7Q512 Datasheet HTML 12Page - Aeroflex Circuit Technology UT7Q512 Datasheet HTML 13Page - Aeroflex Circuit Technology UT7Q512 Datasheet HTML 14Page - Aeroflex Circuit Technology UT7Q512 Datasheet HTML 15Page - Aeroflex Circuit Technology UT7Q512 Datasheet HTML 16Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
ORDERING INFORMATION
512K x 8 SRAM:
- = 100ns access time, 5V operation
Package Type:
(U) = 32-lead ceramic flatpack package (bottom brazed)
Screening:
(C) = Military Temperature Range flow
(P) = Prototype flow
Lead Finish:
(A)
= Hot solder dipped
(C) = Gold
(X)
= Factory option (gold or solder)
Notes:
1. Lead finish (A,C, or X) must be specified.
2. If an “X” is specified when ordering, then the part marking will match the lead finish and will be either “A” (solder) or “C” (gold).
3. Prototype flow per UTMC Manufacturing Flows Document. Tested at 25
°C only. Lead finish is GOLD ONLY. Radiation neither
tested nor guaranteed.
4. Military Temperature Range flow per UTMC Manufacturing Flows Document. Devices are tested at -55
°C, room temp, and +125°C.
Radiation neither tested nor guaranteed.
5. Extended Industrial Temperature Range flow per UTMC Manufacturing Flows Document. Devices are tested at -40
°C to +125°C.
Radiation neither tested nor guaranteed. Gold Lead Finish Only.
UT7Q512K - * *
*
*
Aeroflex UTMC Core Part Number
Screening:
(C) = Military Temperature Range flow
(P) = Prototype flow
(W) = Extended Industrial Temperature Range Flow (-40oC to +125oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com