Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMST3906 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMST3906
Description  60V NPN SMALL SIGNAL TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMST3906 Datasheet(HTML) 1 Page - Diodes Incorporated

  MMST3906 Datasheet HTML 1Page - Diodes Incorporated MMST3906 Datasheet HTML 2Page - Diodes Incorporated MMST3906 Datasheet HTML 3Page - Diodes Incorporated MMST3906 Datasheet HTML 4Page - Diodes Incorporated MMST3906 Datasheet HTML 5Page - Diodes Incorporated MMST3906 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MMST3906
Document number: DS30079 Rev. 10 - 2
1 of 6
www.diodes.com
April 2016
© Diodes Incorporated
MMST3906
40V PNP SMALL SIGNAL TRANSISTOR IN SOT323
Features
BVCEO > -40V
IC = -200mA Collector Current
Epitaxial Planar Die Construction
Ultra-Small Surface Mount Package
Complementary NPN Type: MMST3904
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT323
Case Material: Molded Plastic. “Green” Molding Compound.
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads.
Solderable per MIL-STD-202, Method 208
Weight: 0.006 grams (Approximate)
Ordering Information (Note 4)
Product
Status
Compliance
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
MMST3906-7-F
Active
AEC-Q101
K5N
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2015
2016
2017
2018
2019
2020
2021
2022
2023
2024
2025
Code
C
D
E
F
G
H
I
J
K
L
M
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Device Symbol
Pin-out Top View
SOT323
K5N = Product Type Marking Code
YM = Date Code Marking
Y or Y = Year (ex: D = 2016)
M or M = Month (ex: 9 = September)
C
E
B


Similar Part No. - MMST3906

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMST3906 TRSYS-MMST3906 Datasheet
200Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Rohm
MMST3906 ROHM-MMST3906 Datasheet
169Kb / 4P
PNP General Purpose Transistor
logo
Diodes Incorporated
MMST3906 DIODES-MMST3906 Datasheet
42Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30079 Rev. 2P-1
MMST3906 DIODES-MMST3906 Datasheet
322Kb / 9P
150 mA LOAD SWITCH FEATURING COMPLEMENTARY BIPOLAR TRANSISTORS
DS30749 Rev. 3 - 2
logo
Galaxy Semi-Conductor H...
MMST3906 BILIN-MMST3906 Datasheet
328Kb / 4P
PNP Silicon Epitaxial Planar Transistor
More results

Similar Description - MMST3906

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DTC113 TSC-DTC113 Datasheet
201Kb / 2P
NPN Small Signal Transistor Small Signal Diode
DTC143 TSC-DTC143 Datasheet
178Kb / 2P
NPN Small Signal Transistor Small Signal Diode
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
NPN Small Signal Transistor Small Signal Diode
logo
Diodes Incorporated
MMST3904 DIODES-MMST3904_15 Datasheet
235Kb / 5P
60V NPN SMALL SIGNAL TRANSISTOR IN SOT323
Rev 12
MMBT2907A DIODES-MMBT2907A_16 Datasheet
251Kb / 7P
60V PNP SMALL SIGNAL TRANSISTOR
Rev 19
MMBT2907AT DIODES-MMBT2907AT_16 Datasheet
360Kb / 6P
60V PNP SMALL SIGNAL TRANSISTOR
Rev 10
MMBT3904T DIODES-MMBT3904T_16 Datasheet
266Kb / 6P
60V NPN SMALL SIGNAL TRANSISTOR
Rev 10
MMDT2907A DIODES-MMDT2907A_16 Datasheet
259Kb / 6P
60V DUAL PNP SMALL SIGNAL TRANSISTOR
Rev 16
MMST2907A DIODES-MMST2907A_16 Datasheet
430Kb / 6P
60V PNP SMALL SIGNAL TRANSISTOR
Rev 11
MMST3904 DIODES-MMST3904_16 Datasheet
208Kb / 7P
60V NPN SMALL SIGNAL TRANSISTOR
Rev 14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com