Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMST3906 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MMST3906
Description  60V NPN SMALL SIGNAL TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMST3906 Datasheet(HTML) 3 Page - Diodes Incorporated

  MMST3906 Datasheet HTML 1Page - Diodes Incorporated MMST3906 Datasheet HTML 2Page - Diodes Incorporated MMST3906 Datasheet HTML 3Page - Diodes Incorporated MMST3906 Datasheet HTML 4Page - Diodes Incorporated MMST3906 Datasheet HTML 5Page - Diodes Incorporated MMST3906 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMST3906
Document number: DS30079 Rev. 10 - 2
3 of 6
www.diodes.com
April 2016
© Diodes Incorporated
MMST3906
Electrical Characteristics (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Collector-Base Breakdown Voltage
BVCBO
-40
V
IC = -10µA, IE = 0
Collector-Emitter Breakdown Voltage
BVCEO
-40
V
IC = -1mA, IB = 0
Emitter-Base Breakdown Voltage
BVEBO
-5
V
IE = -10µA, IC = 0
Collector Cutoff Current
ICEX
-50
nA
VCE = -30V, VEB(OFF) = -3V
Base Cutoff Current
IBL
-50
nA
VCE = -30V, VEB(OFF) = -3V
ON CHARACTERISTICS (Note 7)
DC Current Gain
hFE
60
80
100
60
30


300

IC = -100µA, VCE = -1V
IC = -1mA, VCE = -1V
IC = -10mA, VCE = -1V
IC = -50mA, VCE = -1V
IC = -100mA, VCE = -1V
Collector-Emitter Saturation Voltage
VCE(sat)
-0.20
-0.30
V
IC = -10mA, IB = -1mA
IC = -50mA, IB = -5mA
Base-Emitter Saturation Voltage
VBE(sat)
-0.65
-0.85
-0.95
V
IC = -10mA, IB = -1mA
IC = -50mA, IB = -5mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
COBO
4.5
pF
VCB = -5V, f = 1.0MHz, IE = 0
Input Capacitance
CIBO
10
pF
VEB = -0.5V, f = 1.0MHz, IC = 0
Input Impedance
hIE
2
12
k
Ω
VCE = 1V, IC = 10mA,
f = 1kHz
Voltage Feedback Ratio
hRE
0.1
10
x 10
-4
Small Signal Current Gain
HFE
100
400
Output Admittance
hOE
3
60
S
Current Gain-Bandwidth Product
fT
300
MHz
VCE = -20V, IC = -10mA,
f = 100MHz
Noise Figure
NF
dB
VCE = -5V, IC = -100µA,
RS = 1kΩ f = 1kHz
SWITCHING CHARACTERISTICS
Delay Time
td
35
ns
VCC = -3V, IC = -10mA,
IB1 = -1mA, VBE(off) = 0.5V
Rise Time
tr
35
ns
Storage Time
ts
225
ns
VCC = -3V, IC = -10mA,
IB1 = IB2 = -1mA
Fall Time
tf

75
ns
Note:
7.
Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com