Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9162A Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP9162A
Description  2A, 6V, 1.5MHz, 17uA IQ, COT, Synchronous, Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9162A Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP9162A Datasheet HTML 6Page - Monolithic Power Systems MP9162A Datasheet HTML 7Page - Monolithic Power Systems MP9162A Datasheet HTML 8Page - Monolithic Power Systems MP9162A Datasheet HTML 9Page - Monolithic Power Systems MP9162A Datasheet HTML 10Page - Monolithic Power Systems MP9162A Datasheet HTML 11Page - Monolithic Power Systems MP9162A Datasheet HTML 12Page - Monolithic Power Systems MP9162A Datasheet HTML 13Page - Monolithic Power Systems MP9162A Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MP9162A – 2A, 6V, 1.5MHz, SYNCHRONOUS, STEP-DOWN CONVERTER
MP9162A Rev. 1.01
www.MonolihicPower.com
12
7/5/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Selecting the Output Capacitor
The output capacitor (C2) is required to
maintain the DC output voltage. Low ESR
ceramic capacitors are recommended to keep
the output voltage ripple low. The output
voltage ripple can be estimated by Equation (8):
OUT
OUT
OUT
ESR
S1
IN
S
VV
1
V1
R
fL
V
8 f
C2



 


 
  (8)
Where L1 is the inductor value and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
When using ceramic capacitors, the impedance
at the switching frequency is dominated by the
capacitance, which mainly causes output
voltage ripples. For simplification, the output
voltage ripple can be estimated with Equation
(9):
OUT
OUT
OUT
2
IN
S1
VV
ΔV1
V
8f
L
C2

 

 

(9)
When using tantalum or electrolytic capacitors,
the ESR dominates the impedance at the
switching frequency. For simplification, the
output ripple can be approximated with
Equation (10):
OUT
OUT
OUT
ESR
IN
S1
VV
ΔV1
R
fL
V

 


(10)
The characteristics of the output capacitor
affect the stability of the regulation system.
PCB Layout Guidelines
Efficient PCB layout is critical for stable
operation. A poor layout design can result in
poor line or load regulation and stability issues.
For best results, refer to Figure 3 and follow the
guidelines below.
1. Place the high-current paths (GND, VIN,
and SW) as close to the device as possible
with short, direct, and wide traces.
2. Place the input capacitor as close to VIN
and GND as possible.
3. Place the external feedback resistors next
to FB.
4. Keep the switching node (SW) short and
away from the feedback network.
EN
GND
OUT
SW
VIN
1
2
3
4
8
7
6
5
PG
R1
C2
R2
C1
Figure 3: PCB Layout Recommendation
Design Example
Table 2 is a design example following the
application guidelines for the specifications
below:
Table 2: Design Example
VIN
5V
VOUT
1.2V
fSW
1500kHz
The detailed application schematic is shown in
Figure 4. The typical performance and circuit
waveforms
are
shown
in
the
Typical
Performance Characteristics section on page 4.
For more device applications, please refer to
the related evaluation board datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com